Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1631 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS1631
Description  CMOS Dual Peripheral Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS1631 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS1631 Datasheet HTML 1Page - National Semiconductor (TI) DS1631 Datasheet HTML 2Page - National Semiconductor (TI) DS1631 Datasheet HTML 3Page - National Semiconductor (TI) DS1631 Datasheet HTML 4Page - National Semiconductor (TI) DS1631 Datasheet HTML 5Page - National Semiconductor (TI) DS1631 Datasheet HTML 6Page - National Semiconductor (TI) DS1631 Datasheet HTML 7Page - National Semiconductor (TI) DS1631 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical Characteristics (Notes 2 and 3) (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DS1633DS3633
ICC(0)
Supply Currents
VIN e 0V (Figure 4 )VCC e 5V
Output Low
75
12
mA
VCC e 15V
16
23
mA
ICC(1)
(
Figure 4 )VCC e 5V VIN e 5V
Output High
2
4
mA
VCC e 15V VIN e 15V
72
15
mA
tPD1
Propagation to ‘‘1’’
VCC e 5V TA e 25 C CL e 15 pF RL e 50X VL e 10V
500
ns
(
Figure 5 )
tPD0
Propagation to ‘‘0’’
VCC e 5V TA e 25 C CL e 15 pF RL e 50X VL e 10V
750
ns
(
Figure 5 )
DS1634DS3634
ICC(0)
Supply Currents
(
Figure 4 )VCC e 5V VIN e 5V
Output Low
75
12
mA
VCC e 15V VIN e 15V
18
23
mA
ICC(1)
VIN e 0V (Figure 4 )VCC e 5V
Output High
3
5
mA
VCC e 15V
11
18
mA
tPD1
Propagation to ‘‘1’’
VCC e 5V TA e 25 C CL e 15 pF RL e 50X VL e 10V
500
ns
(
Figure 5 )
tPD0
Propagation to ‘‘0’’
VCC e 5V TA e 25 C CL e 15 pF RL e 50X VL e 10V
750
ns
(
Figure 5 )
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the b55 Cto a125 C temperature range for the DS1631 DS1632 DS1633 and DS1634 and
across the 0 Cto a70 C range for the DS3631 DS3632 DS3633 and DS3634 All typical values are for TA e 25 C
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
Test Circuits
TLF5816 – 9
Input
Other
Output
Circuit
Under
Input
Apply
Measure
Test
DS3631
VIH
VIH
IOH
VOH
VIL
VCC
IOL
VOL
DS3632
VIH
VIH
IOL
VOL
VIL
VCC
IOH
VOH
DS3633
VIH
GND
IOH
VOH
VIL
VIL
IOL
VOL
DS3634
VIH
GND
IOL
VOL
VIL
VIL
IOH
VOH
Note
Each input is tested separately
FIGURE 1 VIH VIL VOH VOL
3


Similar Part No. - DS1631

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1631 DALLAS-DS1631 Datasheet
288Kb / 19P
   256k NV SRAM with Phantom Clock
DS1631 DALLAS-DS1631 Datasheet
243Kb / 14P
   High-Precision Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1631 MAXIM-DS1631 Datasheet
196Kb / 15P
   High-Precision Digital Thermometer and Thermostat
102307
logo
Texas Instruments
DS1631 TI1-DS1631 Datasheet
403Kb / 10P
[Old version datasheet]   CMOS Dual Peripheral Drivers
logo
Maxim Integrated Produc...
DS1631++ MAXIM-DS1631+ Datasheet
196Kb / 15P
   High-Precision Digital Thermometer and Thermostat
102307
More results

Similar Description - DS1631

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS1631 TI1-DS1631_11 Datasheet
403Kb / 10P
[Old version datasheet]   CMOS Dual Peripheral Drivers
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_07 Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com