Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6042AIM Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6042AIM
Description  CMOS Dual Micropower Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6042AIM Datasheet(HTML) 1 Page - Texas Instruments

  LMC6042AIM Datasheet HTML 1Page - Texas Instruments LMC6042AIM Datasheet HTML 2Page - Texas Instruments LMC6042AIM Datasheet HTML 3Page - Texas Instruments LMC6042AIM Datasheet HTML 4Page - Texas Instruments LMC6042AIM Datasheet HTML 5Page - Texas Instruments LMC6042AIM Datasheet HTML 6Page - Texas Instruments LMC6042AIM Datasheet HTML 7Page - Texas Instruments LMC6042AIM Datasheet HTML 8Page - Texas Instruments LMC6042AIM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LMC6042
www.ti.com
SNOS611E – AUGUST 1999 – REVISED MARCH 2013
LMC6042 CMOS Dual Micropower Operational Amplifier
Check for Samples: LMC6042
1
FEATURES
DESCRIPTION
Ultra-low power consumption and low input-leakage
2
Low Supply Current:
10
μA/Amp (typ)
current are the hallmarks of the LMC6042. Providing
Operates from 4.5V to 15V Single Supply
input currents of only 2 fA typical, the LMC6042 can
Ultra Low Input Current:
2 fA (typ)
operate from a single supply, has output swing
extending to each supply rail, and an input voltage
Rail-to-Rail Output Swing
range that includes ground.
Input Common-Mode Range Includes Ground
The LMC6042 is ideal for use in systems requiring
ultra-low
power
consumption.
In
addition,
the
APPLICATIONS
insensitivity to latch-up, high output drive, and output
Battery Monitoring and Power Conditioning
swing to ground without requiring external pull-down
Photodiode and Infrared Detector Preamplifier
resistors make it ideal for single-supply battery-
powered systems.
Silicon Based Transducer Systems
Hand-Held Analytic Instruments
Other applications for the LMC6042 include bar code
reader
amplifiers,
magnetic
and
electric
field
pH Probe Buffer Amplifier
detectors, and hand-held electrometers.
Fire and Smoke Detection Systems
This device is built with TI's advanced Double-Poly
Charge Amplifier for Piezoelectric Transducers
Silicon-Gate CMOS process.
See the LMC6041 for a single, and the LMC6044 for
a quad amplifier with these features.
Connection Diagram
Figure 1. 8-Pin PDIP/SOIC
Figure 2. Low-Power Two-Op-Amp Instrumental Amplifier
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMC6042AIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6042AIM NSC-LMC6042AIM Datasheet
401Kb / 13P
   CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042AIM TI-LMC6042AIM Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
LMC6042AIM TI1-LMC6042AIM Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
LMC6042AIM/NOPB TI1-LMC6042AIM/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
LMC6042AIMX TI1-LMC6042AIMX Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
More results

Similar Description - LMC6042AIM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
   CMOS Dual Micropower Operational Amplifier
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042AIMX TI1-LMC6042AIMX Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042IMX TI-LMC6042IMX Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6062IM-NOPB TI1-LMC6062IM-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
   PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com