Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6042 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6042
Description  CMOS Dual Micropower Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6042 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMC6042 Datasheet HTML 7Page - Texas Instruments LMC6042 Datasheet HTML 8Page - Texas Instruments LMC6042 Datasheet HTML 9Page - Texas Instruments LMC6042 Datasheet HTML 10Page - Texas Instruments LMC6042 Datasheet HTML 11Page - Texas Instruments LMC6042 Datasheet HTML 12Page - Texas Instruments LMC6042 Datasheet HTML 13Page - Texas Instruments LMC6042 Datasheet HTML 14Page - Texas Instruments LMC6042 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LMC6042
www.ti.com
SNOS611E – AUGUST 1999 – REVISED MARCH 2013
Figure 30. LMC6042 Noninverting Gain of 10 Amplifier, Compensated to Handle Capacitive Loads
In the circuit of Figure 30, R1 and C1 serve to counteract the loss of phase margin by feeding the high frequency
component of the output signal back to the amplifier's inverting input, thereby preserving phase margin in the
overall feedback loop.
Capacitive load driving capability is enhanced by using a pull up resistor to V+ (Figure 31). Typically a pull up
resistor conducting 10
μA or more will significantly improve capacitive load responses. The value of the pull up
resistor must be determined based on the current sinking capability of the amplifier with respect to the desired
output swing. Open loop gain of the amplifier can also be affected by the pull up resistor (see Electrical
Characteristics).
Figure 31. Compensating for Large
Capacitive Loads with a Pull Up Resistor
PRINTED-CIRCUIT-BOARD LAYOUT FOR HIGH-IMPEDANCE WORK
It is generally recognized that any circuit which must operate with less than 1000 pA of leakage current requires
special layout of the PC board. When one wishes to take advantage of the ultra-low bias current of the
LMC6042, typically less than 2 fA, it is essential to have an excellent layout. Fortunately, the techniques of
obtaining low leakages are quite simple. First, the user must not ignore the surface leakage of the PC board,
even though it may sometimes appear acceptably low, because under conditions of high humidity or dust or
contamination, the surface leakage will be appreciable.
To minimize the effect of any surface leakage, lay out a ring of foil completely surrounding the LMC6042's inputs
and the terminals of capacitors, diodes, conductors, resistors, relay terminals etc. connected to the op-amp's
inputs, as in Figure 32. To have a significant effect, guard rings should be placed on both the top and bottom of
the PC board. This PC foil must then be connected to a voltage which is at the same voltage as the amplifier
inputs, since no leakage current can flow between two points at the same potential. For example, a PC board
trace-to-pad resistance of 1012
Ω, which is normally considered a very large resistance, could leak 5 pA if the
trace were a 5V bus adjacent to the pad of the input. This would cause a 100 times degradation from the
LMC6042's actual performance. However, if a guard ring is held within 5 mV of the inputs, then even a
resistance of 1011
Ω would cause only 0.05 pA of leakage current. See Figure 36 for typical connections of guard
rings for standard op-amp configurations.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMC6042


Similar Part No. - LMC6042

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
   CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042 TI-LMC6042 Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
LMC6042-MIL TI1-LMC6042-MIL Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
LMC6042AIJ TI-LMC6042AIJ Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
More results

Similar Description - LMC6042

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
   CMOS Dual Micropower Operational Amplifier
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042AIMX TI1-LMC6042AIMX Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042IMX TI-LMC6042IMX Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6062IM-NOPB TI1-LMC6062IM-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
   PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com