Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6041AIM Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6041AIM
Description  CMOS Single Micropower Operational Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6041AIM Datasheet(HTML) 2 Page - Texas Instruments

  LMC6041AIM Datasheet HTML 1Page - Texas Instruments LMC6041AIM Datasheet HTML 2Page - Texas Instruments LMC6041AIM Datasheet HTML 3Page - Texas Instruments LMC6041AIM Datasheet HTML 4Page - Texas Instruments LMC6041AIM Datasheet HTML 5Page - Texas Instruments LMC6041AIM Datasheet HTML 6Page - Texas Instruments LMC6041AIM Datasheet HTML 7Page - Texas Instruments LMC6041AIM Datasheet HTML 8Page - Texas Instruments LMC6041AIM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LMC6041
SNOS610E – DECEMBER 1994 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Differential Input Voltage
±Supply Voltage
Supply Voltage (V+
− V)
16V
Output Short Circuit to V
See(3)
Output Short Circuit to V+
See(4)
Lead Temperature
(Soldering, 10 sec.)
260°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
110°C
ESD Tolerance(5)
500V
Current at Input Pin
±5 mA
Current at Output Pin
±18 mA
Current at Power Supply Pin
35 mA
Voltage at Input/Output Pin
(V+) + 0.3V, (V)
− 0.3V
Power Dissipation
See(6)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating conditions indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 110°C. Output currents in excess of ±30 mA over long term may adversely
affect reliability.
(4)
Do not connect output to V+ when V+ is greater than 13V or reliability may be adversely affected.
(5)
Human body model, 1.5 k
Ω in series with 100 pF.
(6)
The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) − TA)/θJA.
Operating Ratings
Temperature Range
LMC6041AI, LMC6041I
−40°C ≤ TJ ≤ +85°C
Supply Voltage
4.5V
≤ V+ ≤ 15.5V
Power Dissipation
See(1)
Thermal Resistance (
θJA)
(2)
8-Pin PDIP package
101°C/W
8-Pin SOIC package
165°C/W
(1)
For operating at elevated temperatures the device must be derated based on the thermal resistance
θJA with PD = (TJ − TA)/θJA.
(2)
All numbers apply for packages soldered directly into a PC board.
2
Submit Documentation Feedback
Copyright © 1994–2013, Texas Instruments Incorporated
Product Folder Links: LMC6041


Similar Part No. - LMC6041AIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6041AIM NSC-LMC6041AIM Datasheet
381Kb / 12P
   CMOS Single Micropower Operational Amplifier
logo
Texas Instruments
LMC6041AIM TI-LMC6041AIM Datasheet
1Mb / 23P
[Old version datasheet]   LMC6041 CMOS Single Micropower Operational Amplifier
LMC6041AIM TI1-LMC6041AIM Datasheet
1Mb / 23P
[Old version datasheet]   LMC6041 CMOS Single Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6041AIM NSC-LMC6041AIM Datasheet
1Mb / 23P
   LMC6041 CMOS Single Micropower Operational Amplifier
LMC6041AIMNOPB NSC-LMC6041AIMNOPB Datasheet
1Mb / 23P
   LMC6041 CMOS Single Micropower Operational Amplifier
More results

Similar Description - LMC6041AIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6041 NSC-LMC6041 Datasheet
381Kb / 12P
   CMOS Single Micropower Operational Amplifier
logo
Texas Instruments
LMC6041IN TI-LMC6041IN Datasheet
1Mb / 23P
[Old version datasheet]   LMC6041 CMOS Single Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
   Precision CMOS Single Micropower Operational Amplifier
LMC6041 NSC-LMC6041_14 Datasheet
1Mb / 23P
   LMC6041 CMOS Single Micropower Operational Amplifier
logo
Texas Instruments
LMC6041AIM TI1-LMC6041AIM Datasheet
1Mb / 23P
[Old version datasheet]   LMC6041 CMOS Single Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6061 NSC-LMC6061_14 Datasheet
1Mb / 21P
   PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6061 TI1-LMC6061 Datasheet
1Mb / 21P
[Old version datasheet]   PRECISION CMOS SINGLE MICROPOWER OPERATIONAL AMPLIFIER
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com