Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6032IMX Datasheet(PDF) 1 Page - Texas Instruments

Part # LMC6032IMX
Description  CMOS Dual Operational Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6032IMX Datasheet(HTML) 1 Page - Texas Instruments

  LMC6032IMX Datasheet HTML 1Page - Texas Instruments LMC6032IMX Datasheet HTML 2Page - Texas Instruments LMC6032IMX Datasheet HTML 3Page - Texas Instruments LMC6032IMX Datasheet HTML 4Page - Texas Instruments LMC6032IMX Datasheet HTML 5Page - Texas Instruments LMC6032IMX Datasheet HTML 6Page - Texas Instruments LMC6032IMX Datasheet HTML 7Page - Texas Instruments LMC6032IMX Datasheet HTML 8Page - Texas Instruments LMC6032IMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LMC6032
www.ti.com
SNOS609C – NOVEMBER 1994 – REVISED MARCH 2013
LMC6032 CMOS Dual Operational Amplifier
Check for Samples: LMC6032
1
FEATURES
Long-Term Integrator
Sample-and-Hold Circuit
2
Specified for 2 k
Ω and 600 Ω Loads
Medical Instrumentation
High Voltage Gain: 12 dB
Low Offset Voltage Drift:
2.3
μV/°C
DESCRIPTION
Ultra Low Input Bias Current:
40 fA
The LMC6032 is a CMOS dual operational amplifier
Input Common-mode Range Includes V
which can operate from either a single supply or dual
Operating Range From +5V to +15V Supply
supplies. Its performance features include an input
common-mode range that reaches ground, low input
ISS = 400 μA/Amplifier; Independent of V
+
bias current, and high voltage gain into realistic loads,
Low Distortion:
0.01% at 10 kHz
such as 2 k
Ω and 600 Ω.
Slew Rate: 1.1 V/
μs
This chip is built with TI's advanced Double-Poly
Improved Performance Over TLC272
Silicon-Gate CMOS process.
See the LMC6034 datasheet for a CMOS quad
APPLICATIONS
operational amplifier with these same features. For
High-Impedance Buffer or Preamplifier
higher
performance
characteristics
refer
to
the
LMC662.
Current-to-Voltage Converter
CONNECTION DIAGRAMS
8-Pin PDIP/SOIC
Top View
Figure 1. 10 Hz High-Pass Filter
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1994–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMC6032IMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6032IM NSC-LMC6032IM Datasheet
291Kb / 13P
   CMOS Dual Operational Amplifier
More results

Similar Description - LMC6032IMX

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
logo
Renesas Technology Corp
READ2301G RENESAS-READ2301G Datasheet
633Kb / 8P
   CMOS Dual Operational Amplifier
logo
ELM Technology Corporat...
ELM854AA-S ELM-TECH-ELM854AA-S Datasheet
206Kb / 9P
   CMOS Dual operational amplifier
logo
National Semiconductor ...
LMC662 NSC-LMC662 Datasheet
430Kb / 13P
   CMOS Dual Operational Amplifier
LMC6032 NSC-LMC6032 Datasheet
291Kb / 13P
   CMOS Dual Operational Amplifier
logo
Renesas Technology Corp
READ2352J RENESAS-READ2352J Datasheet
611Kb / 9P
   CMOS Dual Operational Amplifier
READ2351J RENESAS-READ2351J Datasheet
610Kb / 8P
   CMOS Dual Operational Amplifier
READ2302G RENESAS-READ2302G Datasheet
634Kb / 9P
   CMOS Dual Operational Amplifier
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com