Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6034 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6034
Description  CMOS Quad Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6034 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMC6034 Datasheet HTML 6Page - Texas Instruments LMC6034 Datasheet HTML 7Page - Texas Instruments LMC6034 Datasheet HTML 8Page - Texas Instruments LMC6034 Datasheet HTML 9Page - Texas Instruments LMC6034 Datasheet HTML 10Page - Texas Instruments LMC6034 Datasheet HTML 11Page - Texas Instruments LMC6034 Datasheet HTML 12Page - Texas Instruments LMC6034 Datasheet HTML 13Page - Texas Instruments LMC6034 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LMC6034
SNOS608C – MAY 1998 – REVISED MARCH 2013
www.ti.com
To minimize the effect of any surface leakage, lay out a ring of foil completely surrounding the LMC6034's inputs
and the terminals of capacitors, diodes, conductors, resistors, relay terminals, etc. connected to the op-amp's
inputs. See Figure 17 . To have a significant effect, guard rings should be placed on both the top and bottom of
the PC board. This PC foil must then be connected to a voltage which is at the same voltage as the amplifier
inputs, since no leakage current can flow between two points at the same potential. For example, a PC board
trace-to-pad resistance of 1012
Ω, which is normally considered a very large resistance, could leak 5 pA if the
trace were a 5V bus adjacent to the pad of an input. This would cause a 100 times degradation from the
LMC6034's actual performance. However, if a guard ring is held within 5 mV of the inputs, then even a
resistance of 1011
Ω would cause only 0.05 pA of leakage current, or perhaps a minor (2:1) degradation of the
amplifier's performance. See Figure 18, Figure 19 and , Figure 20 for typical connections of guard rings for
standard op-amp configurations. If both inputs are active and at high impedance, the guard can be tied to ground
and still provide some protection; see Figure 21.
Figure 17. Example of Guard Ring in P.C. Board Layout
Figure 18. Guard Ring Connections Inverting Amplifier
Figure 19. Guard Ring Connections Non-Inverting Amplifier
Figure 20. Guard Ring Connections Follower
10
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LMC6034


Similar Part No. - LMC6034

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6034 NSC-LMC6034 Datasheet
301Kb / 12P
   CMOS Quad Operational Amplifier
logo
Texas Instruments
LMC6034 TI-LMC6034 Datasheet
1Mb / 22P
[Old version datasheet]   LMC6034 CMOS Quad Operational Amplifier
logo
National Semiconductor ...
LMC6034IM NSC-LMC6034IM Datasheet
301Kb / 12P
   CMOS Quad Operational Amplifier
logo
Texas Instruments
LMC6034IM TI-LMC6034IM Datasheet
1Mb / 22P
[Old version datasheet]   LMC6034 CMOS Quad Operational Amplifier
LMC6034IMX TI-LMC6034IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6034 CMOS Quad Operational Amplifier
More results

Similar Description - LMC6034

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC660 NSC-LMC660_00 Datasheet
441Kb / 12P
   CMOS Quad Operational Amplifier
LMC660EP NSC-LMC660EP Datasheet
891Kb / 15P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660_06 Datasheet
873Kb / 14P
   CMOS Quad Operational Amplifier
LMC660 NSC-LMC660 Datasheet
461Kb / 14P
   CMOS Quad Operational Amplifier
LMC6034 NSC-LMC6034 Datasheet
301Kb / 12P
   CMOS Quad Operational Amplifier
LMC6044 NSC-LMC6044 Datasheet
387Kb / 12P
   CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6034IMX TI-LMC6034IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6034 CMOS Quad Operational Amplifier
LMC6044 TI1-LMC6044_17 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Quad Micropower Operational Amplifier
LMC660CMX TI1-LMC660CMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC660 CMOS Quad Operational Amplifier
logo
National Semiconductor ...
LMC6084 NSC-LMC6084 Datasheet
729Kb / 14P
   Precision CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com