Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM97600 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM97600
Description  High Performance, Low Power A/D
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM97600 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM97600 Datasheet HTML 5Page - Texas Instruments LM97600 Datasheet HTML 6Page - Texas Instruments LM97600 Datasheet HTML 7Page - Texas Instruments LM97600 Datasheet HTML 8Page - Texas Instruments LM97600 Datasheet HTML 9Page - Texas Instruments LM97600 Datasheet HTML 10Page - Texas Instruments LM97600 Datasheet HTML 11Page - Texas Instruments LM97600 Datasheet HTML 12Page - Texas Instruments LM97600 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
I / O
GND
V
A
TO INTERNAL
CIRCUITRY
LM97600
www.ti.com
SNAS600A – JULY 2012 – REVISED MARCH 2013
Package Thermal Resistance
Package
θJA
θJC1 (Top of Package)
θJC2 (Center Balls)
292–Ball BGA Thermally
15.9°C / W
5.6°C / W
5.1°C / W
Enhanced Package
Converter Electrical Characteristics
The following specifications apply after calibration for VA = VTH = VC = +1.2VDC, VO = V25 = +2.5VDC, VIN FSR (a.c. coupled) =
Default ECM setting, CL = 10 pF, Differential a.c. coupled Sinewave Input Clock, fCLK = 2.5 GHz at 0.5VP-P with 50% duty
cycle, REXT = 3600Ω ±0.1%, RTRIM = 3600Ω ±0.1%, Analog Signal Source Impedance = 100Ω Differential, after calibration.
Boldface limits apply for TA = TMIN to TMAX. All other limits TA = 25°C, unless otherwise noted.
(1) (2)
Typical
Limits
Units
Symbol
Parameter
Conditions
(3)
(3)
(Limits)
STATIC CONVERTER CHARACTERISTICS
DC Coupled, 1MHz Sine Wave
INL
Integral Non-Linearity (Best fit)
±0.6
±1
lsb (max)
Over Ranged, Single ADC Mode
DC Coupled, 1MHz Sine Wave
+0.65/
DNL
Differential Non-Linearity
+1/
−0.70
lsb (max)
Over Ranged, Single ADC Mode
−0.50
See the Selective Truncation
Resolution with No Missing Codes
7.6
Bits
section
VOFF
Offset Error
−1
lsb
VOFF_ADJ Input Offset Adjustment Range
Extended Control Mode
±28
mV
mV
PFSE
Positive Full-Scale Error(4)
−5
±30
(max)
mV
NFSE
Negative Full-Scale Error(4)
−2
±30
(max)
%FS
FS_ADJ
Full-Scale Adjustment Range
Extended Control Mode
±20
±15
(min)
DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full Power Bandwidth
1.3
GHz
DC to
Gain Flatness
0.0 to -1.0 dBFS
MHz
400
Errors/
Code Error Rate
10−18
Sample
(1)
The analog inputs are protected as shown below. Input voltage magnitudes beyond the Absolute Maximum Ratings may damage this
device.
(2)
To ensure accuracy, it is required that VA, VTH, VC, V25, and VO be well bypassed. Each supply pin must be decoupled with separate
bypass capacitors.
(3)
Typical figures are at TA = 25°C, and represent most likely parametric norms. Test limits are ensured to AOQL (Average Outgoing
Quality Level).
(4)
Calculation of Full-Scale Error for this device assumes that the actual reference voltage is exactly its nominal value. Full-Scale Error for
this device, therefore, is a combination of Full-Scale Error and Reference Voltage Error. See Figure 2. For relationship between Gain
Error and Full-Scale Error, see Specification Definitions.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM97600


Similar Part No. - LM97600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM97600 TI1-LM97600 Datasheet
1Mb / 57P
[Old version datasheet]   7.6-Bit, 1/2/4 Channel, 5/2.5/1.25 GSPS, High Performance, Low Power A/D Converter
More results

Similar Description - LM97600

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
ADC1143 INTRONICS-ADC1143 Datasheet
798Kb / 4P
   Low Power/High Performance 16-Bit A/D Converter
logo
Texas Instruments
ADC08B3000 TI1-ADC08B3000 Datasheet
1Mb / 57P
[Old version datasheet]   High Performance, Low Power A/D Converter with 4K Buffer
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
Rockchip Electronics Co...
RK3588 ROCKCHIP-RK3588 Datasheet
600Kb / 3P
   A high performance, low power AloT processor
logo
National Semiconductor ...
ADC081500 NSC-ADC081500_06 Datasheet
1,016Kb / 32P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
ADC08500 NSC-ADC08500_09 Datasheet
997Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000_15 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC083000 NSC-ADC083000_08 Datasheet
1Mb / 40P
   8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC082500 NSC-ADC082500 Datasheet
856Kb / 33P
   High Performance, Low Power, 8-Bit, 2.5 GSPS A/D Converter
ADC081500 NSC-ADC081500_09 Datasheet
1Mb / 34P
   High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com