Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM95071CIMF Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM95071CIMF
Description  SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM95071CIMF Datasheet(HTML) 1 Page - Texas Instruments

  LM95071CIMF Datasheet HTML 1Page - Texas Instruments LM95071CIMF Datasheet HTML 2Page - Texas Instruments LM95071CIMF Datasheet HTML 3Page - Texas Instruments LM95071CIMF Datasheet HTML 4Page - Texas Instruments LM95071CIMF Datasheet HTML 5Page - Texas Instruments LM95071CIMF Datasheet HTML 6Page - Texas Instruments LM95071CIMF Datasheet HTML 7Page - Texas Instruments LM95071CIMF Datasheet HTML 8Page - Texas Instruments LM95071CIMF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Temperature
Sensor
Circuitry
Control
Logic
Temperature
Register
Manufacturer's
ID Register
Three-Wire
Serial Interface
14-Bit
Delta-Sigma
A/D Converter
SI/O
SC
VDD
LM95071/
LM95071-Q1
CS
1
2
3
4
5
CS
GND
SI/O
SC
VDD
LM95071/
LM95071-Q1
LM95071, LM95071-Q1
www.ti.com
SNIS137D – AUGUST 2004 – REVISED SEPTEMBER 2013
LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
Check for Samples: LM95071, LM95071-Q1
1
FEATURES
Temperature Accuracy
0°C to 70°C ±1°C (max)
23
Small SOT-23 Package Saves Space
−40°C to 150°C ±2°C (max)
Shutdown Mode Conserves Power Between
Temperature Readings
Temperature Resolution 0.03125 °C
Operates Over a Full
−40°C to +150°C Range
DESCRIPTION
SPI and MICROWIRE Bus Interface
The LM95071/LM95071-Q1 is a low-power, high-
LM95071-Q1 is AEC-Q100 Grade 0 qualified
resolution digital temperature sensor with an SPI and
and is manufactured on an Automotive Grade
MICROWIRE compatible interface, available in the 5-
flow
pin
SOT-23.
The
host
can
query
the
LM95071/LM95071-Q1
at
any
time
to
read
APPLICATIONS
temperature. Its low operating current is useful in
systems where low power consumption is critical.
Automotive
The LM95071/LM95071-Q1 has 13-bit plus sign
System Thermal Management
temperature resolution (0.03125°C per LSB) while
Portable Electronic Devices
operating over a temperature range of
−40°C to
Personal Computers
+150°C.
Disk Drives
The LM95071/LM95071-Q1’s 2.4V to 5.5V supply
Office Electronics
voltage range, fast conversion rate, low supply
current, and simple SPI interface make it ideal for a
Electronic Test Equipment
wide range of applications.
KEY SPECIFICATIONS
Supply Voltage 2.4V to 5.5V
Supply Current
operating 280 µA (typ)
shutdown 6 µA (typ)
Simplified Block Diagram
Connection Diagram
SOT-23
(TOP VIEW)
See Package Number DBV (R-PDSO-G5)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TRI-STATE is a registered trademark of National Semiconductor Corporation.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM95071CIMF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM95071CIMF TI1-LM95071CIMF Datasheet
1,004Kb / 20P
[Old version datasheet]   LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071CIMFNOPB TI1-LM95071CIMFNOPB Datasheet
1,004Kb / 20P
[Old version datasheet]   LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071CIMFX TI1-LM95071CIMFX Datasheet
1,004Kb / 20P
[Old version datasheet]   LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071CIMFXNOPB TI1-LM95071CIMFXNOPB Datasheet
1,004Kb / 20P
[Old version datasheet]   LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results

Similar Description - LM95071CIMF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM71 TI-LM71_15 Datasheet
1Mb / 21P
[Old version datasheet]    SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
249Kb / 13P
   SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM95071 TI1-LM95071 Datasheet
1,004Kb / 20P
[Old version datasheet]   LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
   SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
logo
Texas Instruments
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM70 TI-LM70_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
logo
National Semiconductor ...
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
   SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
LM74A NSC-LM74A Datasheet
605Kb / 12P
   SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com