Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM94021BIMG Datasheet(PDF) 6 Page - Texas Instruments

Part # LM94021BIMG
Description  Multi-Gain Analog Temperature Sensor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM94021BIMG Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM94021BIMG Datasheet HTML 2Page - Texas Instruments LM94021BIMG Datasheet HTML 3Page - Texas Instruments LM94021BIMG Datasheet HTML 4Page - Texas Instruments LM94021BIMG Datasheet HTML 5Page - Texas Instruments LM94021BIMG Datasheet HTML 6Page - Texas Instruments LM94021BIMG Datasheet HTML 7Page - Texas Instruments LM94021BIMG Datasheet HTML 8Page - Texas Instruments LM94021BIMG Datasheet HTML 9Page - Texas Instruments LM94021BIMG Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (ºC)
-4
-3
-2
-1
0
1
2
3
4
MIN Limit
MAX Limit
LM94021
SNIS138E – FEBRUARY 2005 – REVISED JUNE 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
Temperature Error vs. Temperature
Minimum Operating Temperature vs. Supply Voltage
Figure 2.
Figure 3.
Supply Current vs. Temperature
Supply Current vs. Supply Voltage
Figure 4.
Figure 5.
Load Regulation, Sourcing Current
Load Regulation, Sinking Current
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM94021


Similar Part No. - LM94021BIMG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94021BIMG NSC-LM94021BIMG Datasheet
680Kb / 13P
   Multi-Gain Analog Temperature Sensor
LM94021BIMGX NSC-LM94021BIMGX Datasheet
680Kb / 13P
   Multi-Gain Analog Temperature Sensor
More results

Similar Description - LM94021BIMG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94021 NSC-LM94021 Datasheet
680Kb / 13P
   Multi-Gain Analog Temperature Sensor
logo
Texas Instruments
LM94021 TI-LM94021_15 Datasheet
1Mb / 23P
[Old version datasheet]   LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
logo
National Semiconductor ...
LM94022 NSC-LM94022 Datasheet
964Kb / 16P
   1.5V, SC70, Multi-Gain Analog Temperature Sensor with Class-AB Output
logo
Texas Instruments
LM94022 TI-LM94022_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.5-V, SC70, Multi-Gain Analog Temperature Sensor With Class-AB Output
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50_04 Datasheet
41Kb / 8P
   Analog Temperature Sensor
logo
Silicon Supplies
LM335A SS-LM335A Datasheet
1Mb / 10P
   Analog Temperature Sensor
LM135A SS-LM135A Datasheet
1Mb / 10P
   Analog Temperature Sensor
SIS60A SS-SIS60A Datasheet
544Kb / 6P
   Analog Temperature Sensor
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
   Analog Temperature Sensor
100906
logo
Silicon Supplies
LM135 SS-LM135 Datasheet
1Mb / 10P
   Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com