Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM94021 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM94021
Description  Multi-Gain Analog Temperature Sensor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM94021 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM94021 Datasheet HTML 3Page - Texas Instruments LM94021 Datasheet HTML 4Page - Texas Instruments LM94021 Datasheet HTML 5Page - Texas Instruments LM94021 Datasheet HTML 6Page - Texas Instruments LM94021 Datasheet HTML 7Page - Texas Instruments LM94021 Datasheet HTML 8Page - Texas Instruments LM94021 Datasheet HTML 9Page - Texas Instruments LM94021 Datasheet HTML 10Page - Texas Instruments LM94021 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
100
10k
10M
FREQUENCY (Hz)
-70
-50
-30
0
1M
100k
1k
-10
-40
-60
-20
CLOAD = 0 pF
CLOAD = 1 nF
CLOAD = 100 pF
VDD = 5.0V
TEMP = 25°C
LM94021
www.ti.com
SNIS138E – FEBRUARY 2005 – REVISED JUNE 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Change in VOUT vs. Overhead Voltage
Supply Noise Gain vs. Frequency
Figure 8.
Figure 9.
Line Regulation: Output Voltage vs. Supply Voltage
Line Regulation: Output Voltage vs. Supply Voltage
Gain Select = 00
Gain Select = 01
Figure 10.
Figure 11.
Line Regulation: Output Voltage vs. Supply Voltage
Line Regulation: Output Voltage vs. Supply Voltage
Gain Select = 10
Gain Select = 11
Figure 12.
Figure 13.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM94021


Similar Part No. - LM94021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94021 NSC-LM94021 Datasheet
680Kb / 13P
   Multi-Gain Analog Temperature Sensor
LM94021BIMG NSC-LM94021BIMG Datasheet
680Kb / 13P
   Multi-Gain Analog Temperature Sensor
LM94021BIMGX NSC-LM94021BIMGX Datasheet
680Kb / 13P
   Multi-Gain Analog Temperature Sensor
logo
Texas Instruments
LM94021 TI-LM94021_15 Datasheet
1Mb / 23P
[Old version datasheet]   LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
More results

Similar Description - LM94021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94021 NSC-LM94021 Datasheet
680Kb / 13P
   Multi-Gain Analog Temperature Sensor
logo
Texas Instruments
LM94021 TI-LM94021_15 Datasheet
1Mb / 23P
[Old version datasheet]   LM94021/LM94021Q Multi-Gain Analog Temperature Sensor
logo
National Semiconductor ...
LM94022 NSC-LM94022 Datasheet
964Kb / 16P
   1.5V, SC70, Multi-Gain Analog Temperature Sensor with Class-AB Output
logo
Texas Instruments
LM94022 TI-LM94022_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.5-V, SC70, Multi-Gain Analog Temperature Sensor With Class-AB Output
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50_04 Datasheet
41Kb / 8P
   Analog Temperature Sensor
logo
Silicon Supplies
LM335A SS-LM335A Datasheet
1Mb / 10P
   Analog Temperature Sensor
LM135A SS-LM135A Datasheet
1Mb / 10P
   Analog Temperature Sensor
SIS60A SS-SIS60A Datasheet
544Kb / 6P
   Analog Temperature Sensor
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
   Analog Temperature Sensor
100906
logo
Silicon Supplies
LM135 SS-LM135 Datasheet
1Mb / 10P
   Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com