Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM9833 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM9833
Description  48-Bit Color, 1200dpi USB Image Scanner
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9833 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM9833 Datasheet HTML 3Page - Texas Instruments LM9833 Datasheet HTML 4Page - Texas Instruments LM9833 Datasheet HTML 5Page - Texas Instruments LM9833 Datasheet HTML 6Page - Texas Instruments LM9833 Datasheet HTML 7Page - Texas Instruments LM9833 Datasheet HTML 8Page - Texas Instruments LM9833 Datasheet HTML 9Page - Texas Instruments LM9833 Datasheet HTML 10Page - Texas Instruments LM9833 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
6
www.national.com
CCD/CIS Source Requirements for Full Specified Accuracy and Dynamic Range (Note 12)
VCCDPEAK
Sensor’s Maximum Output Signal
Amplitude before LM9833 Analog Front
End Saturation
Gain = 0.933
Gain = 3.0
Gain = 9.0
1.9
0.6
0.19
V
V
V
Analog Input Characteristics
Average OSR, OSG, OSB Input Current
CDS Enabled, OS = 3.5VDC
±3
nA
OSR, OSG, OSB Input Current
CDS Disabled, OS = 3.5VDC
±26
±30
µA (max)
Internal Voltage Reference Characteristics
VBANDGAP
Voltage Reference Output Voltage
1.23
V
VREF LO
Negative Reference Output Voltage
VREF MID-1.0
V
VREF MID
Midpoint Reference Output Voltage
VA/2.0
V
VREF HI
Positive Reference Output Voltage
VREF MID+1.0
V
VREGULA-
TOR
USB I/O Voltage Regulator
3.3
V
DC and Logic Electrical Characteristics
The following specifications apply for AGND=DGND=0V, VA=VD=VDRAM=+5.0VDC unless otherwise noted,
fCRYSTAL IN= 48MHz. Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 8, 9, & 10)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
Digital Input Characteristics for D0-D15 (DRAM Interface)
VIN(1)
Logical “1” Input Voltage
VDRAM=5.25V
VDRAM=3.6V
2.0
2.0
V (min)
V (min)
VIN(0)
Logical “0” Input Voltage
VDRAM=4.75V
VDRAM=2.85V
0.8
0.8
V (max)
V (max)
IIN
Input Leakage Current
±0.1
µA
CIN
Input Capacitance
5
pF
Digital Input Characteristics for PAPER SENSE 1-2, MISC I/O 1-6, SDA, BUS POWER, CRYSTAL/EXT CLOCK, 24/48, RESET,
CMODE
VIN(1)
Logical “1” Input Voltage
VD=5.25V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
VD=4.75V
0.8
V (max)
IIN
Input Leakage Current
±0.1
µA
CIN
Input Capacitance
5
pF
Digital Input Characteristics for D+, D-
VIN(1)
Logical “1” Input Voltage
VD=5.25V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
VD=4.75V
0.8
V (max)
IIN
Input Leakage Current
±0.1
µA
CIN
Input Capacitance
5
pF
Electrical Characteristics (Continued)
The following specifications apply for AGND=DGND=0V, VA=VD=VDRAM=+5.0VDC, fCRYSTAL IN= 48MHz, Analog Bias Current =
100%, unless otherwise noted. Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 8, 9, & 10)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)


Similar Part No. - LM9833

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9833 NSC-LM9833 Datasheet
547Kb / 42P
   LM9833 48-Bit Color, 1200dpi USB Image Scanner
LM9833CCVJD NSC-LM9833CCVJD Datasheet
547Kb / 42P
   LM9833 48-Bit Color, 1200dpi USB Image Scanner
More results

Similar Description - LM9833

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9833 NSC-LM9833 Datasheet
547Kb / 42P
   LM9833 48-Bit Color, 1200dpi USB Image Scanner
LM9832 NSC-LM9832 Datasheet
337Kb / 42P
   LM9832 42-Bit Color, 1200dpi USB Image Scanner
LM9831 NSC-LM9831 Datasheet
320Kb / 41P
   LM9831 42-Bit Color, 1200dpi USB Image Scanner
LM9823 NSC-LM9823 Datasheet
239Kb / 22P
   LM9823 3 Channel 48-Bit Color Scanner Analog Front End
logo
Rohm
IA1208-FE10A ROHM-IA1208-FE10A Datasheet
77Kb / 6P
   Color image sensor heads for High-speed Scanner
logo
National Semiconductor ...
LM9830 NSC-LM9830 Datasheet
566Kb / 45P
   LM9830 36-Bit Color Document Scanner
logo
Sanyo Semicon Device
LC82104 SANYO-LC82104 Datasheet
57Kb / 6P
   Color Image Processing IC for Fax and Scanner Applications
logo
Rohm
LSH6008-BA50A ROHM-LSH6008-BA50A Datasheet
907Kb / 5P
   Color Contact Image Sensor Heads for High-Speed Scanner
LSH1208-BA50A ROHM-LSH1208-BA50A_11 Datasheet
911Kb / 6P
   Color Contact Image Sensor Heads for High-speed Scanner
logo
Texas Instruments
LM9822 TI1-LM9822_14 Datasheet
285Kb / 25P
[Old version datasheet]   3 Channel 42-Bit Color Scanner Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com