Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM9833 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM9833
Description  48-Bit Color, 1200dpi USB Image Scanner
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9833 Datasheet(HTML) 2 Page - Texas Instruments

  LM9833 Datasheet HTML 1Page - Texas Instruments LM9833 Datasheet HTML 2Page - Texas Instruments LM9833 Datasheet HTML 3Page - Texas Instruments LM9833 Datasheet HTML 4Page - Texas Instruments LM9833 Datasheet HTML 5Page - Texas Instruments LM9833 Datasheet HTML 6Page - Texas Instruments LM9833 Datasheet HTML 7Page - Texas Instruments LM9833 Datasheet HTML 8Page - Texas Instruments LM9833 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
1
www.national.com
General Description
The LM9833 is a complete USB image scanner system on a sin-
gle IC. The LM9833 provides all the functions (image sensor
control, illumination control, analog front end, pixel processing
function image data buffer/DRAM controller, microstepping
motor controller, and USB interface) necessary to create a high
performance color scanner. The LM9833 scans images in 48 bit
color/16 bit gray, and has output data formats for 48 and 24bit
color/16 and 8 bit gray. The LM9833 supports sensors with pixel
counts of up to 16384 pixels x 3 colors (1200 dpi x 13.6 inches).
The LM9833’s low operating and suspend mode supply currents
allow design of USB bus-powered scanners. The only additional
active components required are an external 4Mbit or 16Mbit
DRAM for data buffering and power transistors for the stepper
motor.
Applications
Color Flatbed Document Scanners
Color Sheetfed Document Scanners
Key Specifications
Analog to Digital Converter Resolution
16 Bits
Maximum Pixel Conversion Rate
6MHz
A4 Color 150dpi scan time
<10 seconds
A4 Color 300dpi scan time
<40 seconds
A4 Color 600dpi scan time
<160 seconds
Supply Voltage
- LM9833
+4.75V to +5.25V
- LM9833 DRAM I/O
+2.85 to +5.25V
Maximum Operating Current Consumption
136mA
Maximum Suspend Current Consumption
175µA
Features
• 16 bit ADC digitizes at up to 6Mpixels/s (2M RGB pixels/sec).
• Digital Pixel Processing provides 1200, 800, 600, 400, 300,
200, 150, and 100dpi horizontal resolution from a 1200dpi
sensor and 600, 400, 300, 200, 150, 100, 75, and 50dpi
horizontal resolution from a 600dpi sensor.
• Provides 50-2400dpi vertical resolution in 1 dpi increments.
• Pixel rate error correction for gain (shading) and offset errors.
• Supports 4 or 16Mbit external DRAMs.
• Multiple CCD clocking rates allows matching of CCD clock to
scan resolution and pixel depth for maximum scan speed.
• Stepper motor control tightly coupled with image data buffer
management to maximize data transfer efficiency.
• PWM stepper motor current control allows microstepping for
the price of fullstepping.
• USB interface for Plug and Play operation on USB-equipped
computers.
• Serial EEPROM option for custom Vendor and Product IDs.
• Support for USB bus-powered operation.
• Pixel depths of 1, 2, or 4 bits are packed into bytes for faster
scans of line art and low pixel depth images.
• Supports 3 channel CCDs and 1 channel CIS sensors.
• 3 (R, G, and B) 12-bit, user-programmable gamma correction
tables.
• Compatible with a wide range of color linear CCDs and
Contact Image Sensors (CIS).
• Operates with 48MHz external crystal.
• Internal bandgap voltage reference.
• 100 pin TQFP package
LM9833 48-Bit Color, 1200dpi USB Image Scanner
CCD/CIS
Illumination
+12V
Stepper
Motor
1-3
1-3
2-6
Power
Transistors
DRAM
30
LM9833CCVJD
USB
Port
2
48MHz Crystal
Serial
EEPROM
2
8
MISC
I/O
LM9833 Scanner System Block Diagram
Ordering Information
Commercial (0°C  TA  +70°C)
Package
LM9833CCVJD
VJD100A 100 Pin Thin Quad Flatpac
©2000 National Semiconductor Corporation
October 2001


Similar Part No. - LM9833

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9833 NSC-LM9833 Datasheet
547Kb / 42P
   LM9833 48-Bit Color, 1200dpi USB Image Scanner
LM9833CCVJD NSC-LM9833CCVJD Datasheet
547Kb / 42P
   LM9833 48-Bit Color, 1200dpi USB Image Scanner
More results

Similar Description - LM9833

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9833 NSC-LM9833 Datasheet
547Kb / 42P
   LM9833 48-Bit Color, 1200dpi USB Image Scanner
LM9832 NSC-LM9832 Datasheet
337Kb / 42P
   LM9832 42-Bit Color, 1200dpi USB Image Scanner
LM9831 NSC-LM9831 Datasheet
320Kb / 41P
   LM9831 42-Bit Color, 1200dpi USB Image Scanner
LM9823 NSC-LM9823 Datasheet
239Kb / 22P
   LM9823 3 Channel 48-Bit Color Scanner Analog Front End
logo
Rohm
IA1208-FE10A ROHM-IA1208-FE10A Datasheet
77Kb / 6P
   Color image sensor heads for High-speed Scanner
logo
National Semiconductor ...
LM9830 NSC-LM9830 Datasheet
566Kb / 45P
   LM9830 36-Bit Color Document Scanner
logo
Sanyo Semicon Device
LC82104 SANYO-LC82104 Datasheet
57Kb / 6P
   Color Image Processing IC for Fax and Scanner Applications
logo
Rohm
LSH6008-BA50A ROHM-LSH6008-BA50A Datasheet
907Kb / 5P
   Color Contact Image Sensor Heads for High-Speed Scanner
LSH1208-BA50A ROHM-LSH1208-BA50A_11 Datasheet
911Kb / 6P
   Color Contact Image Sensor Heads for High-speed Scanner
logo
Texas Instruments
LM9822 TI1-LM9822_14 Datasheet
285Kb / 25P
[Old version datasheet]   3 Channel 42-Bit Color Scanner Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com