Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM9061QDQ1 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM9061QDQ1
Description  High-Side Protection Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9061QDQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM9061QDQ1 Datasheet HTML 3Page - Texas Instruments LM9061QDQ1 Datasheet HTML 4Page - Texas Instruments LM9061QDQ1 Datasheet HTML 5Page - Texas Instruments LM9061QDQ1 Datasheet HTML 6Page - Texas Instruments LM9061QDQ1 Datasheet HTML 7Page - Texas Instruments LM9061QDQ1 Datasheet HTML 8Page - Texas Instruments LM9061QDQ1 Datasheet HTML 9Page - Texas Instruments LM9061QDQ1 Datasheet HTML 10Page - Texas Instruments LM9061QDQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LM9061, LM9061-Q1
www.ti.com
SNOS738H – APRIL 1995 – REVISED JANAURY 2015
6.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
7V
≤ VCC ≤ 20V, RREF = 15.4 kΩ, −40°C ≤ TJ ≤ +125°C, CLOAD = 0.025 µF, CDELAY = 0.022 µF, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CLOAD = 0.025 µF
7V
≤ VCC ≤ 10 V, VOUT ≥ VCC + 7 V
TON
Output Turn-ON Time
10V
≤ VCC ≤ 20 V, VOUT ≥ VCC + 11
1.5
ms
V
1.5
ms
CLOAD = 0.025 µF
Output Turn-OFF Time,
TOFF(NORMAL)
VCC = 14 V, VOUT ≥ 25 V
4
10
ms
Normal Operation(1)
VSENSE = VTHRESHOLD
CLOAD = 0.025 µF
Output Turn-OFF Time,
TOFF(Latch-OFF)
VCC = 14 V, VOUT ≥ 25 V
45
140
ms
Protection Comparator Tripped(1)
VSENSE = VTHRESHOLD
TDELAY
Delay Timer Interval
CDELAY = 0.022 µF
8
18
ms
(1)
The AC Timing specifications for TOFF are not production tested, and therefore are not specifically ensured. Limits are provided for
reference purposes only. Smaller load capacitances will have proportionally faster turn-ON and turn-OFF times.
Figure 1. Typical Operating Waveforms
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM9061 LM9061-Q1


Similar Part No. - LM9061QDQ1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9061 NSC-LM9061 Datasheet
234Kb / 14P
   Power MOSFET Driver with Lossless Protection
LM9061N NSC-LM9061N Datasheet
234Kb / 14P
   Power MOSFET Driver with Lossless Protection
More results

Similar Description - LM9061QDQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5060 TI1-LM5060_15 Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller
logo
National Semiconductor ...
LM5060 NSC-LM5060 Datasheet
523Kb / 24P
   High-Side Protection Controller with Low Quiescent Current
logo
Texas Instruments
LM5060 TI1-LM5060_14 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Protection Controller with Low Quiescent Current
LM5060 TI1-LM5060_18 Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller with Low Quiescent Current
LM5060Q1MM TI-LM5060Q1MM Datasheet
1Mb / 33P
[Old version datasheet]   LM5060 High-Side Protection Controller with Low Quiescent Current
logo
Cherry Semiconductor Co...
CS4124 CHERRY-CS4124 Datasheet
149Kb / 6P
   High Side PWM FET Controller
logo
Anpec Electronics Corop...
APL3542A ANPEC-APL3542A Datasheet
268Kb / 20P
   High-Side Power Distribution Controller
APL3542 ANPEC-APL3542 Datasheet
251Kb / 20P
   High-Side Power Distribution Controller
logo
ON Semiconductor
CS4124 ONSEMI-CS4124 Datasheet
89Kb / 12P
   High Side PWM FET Controller
November, 2000 ??Rev. 6
logo
Anpec Electronics Corop...
APL3540 ANPEC-APL3540 Datasheet
313Kb / 19P
   High-Side Power Distribution Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com