Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM9061 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM9061
Description  High-Side Protection Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9061 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM9061 Datasheet HTML 7Page - Texas Instruments LM9061 Datasheet HTML 8Page - Texas Instruments LM9061 Datasheet HTML 9Page - Texas Instruments LM9061 Datasheet HTML 10Page - Texas Instruments LM9061 Datasheet HTML 11Page - Texas Instruments LM9061 Datasheet HTML 12Page - Texas Instruments LM9061 Datasheet HTML 13Page - Texas Instruments LM9061 Datasheet HTML 14Page - Texas Instruments LM9061 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
LM9061, LM9061-Q1
www.ti.com
SNOS738H – APRIL 1995 – REVISED JANAURY 2015
7 Detailed Description
7.1 Overview
The LM9061 is a high-side controller that can protect the load from overcurrent and overvoltage. An internal
charge pump circuit generates the gate voltage to drive the high-side MOSFET. The voltage drop, VDS, across
the MOSFET is monitored to protect from excessive current. Should the VDS voltage, due to excessive load
current, exceed the threshold voltage, the output is latched OFF after a programmable delay time interval.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 MOSFET Gate Drive
The LM9061 contains a charge pump circuit that generates a voltage in excess of the applied supply voltage to
provide the gate drive to high-side MOSFET transistors. Any size of N-channel power MOSFET, including
multiple parallel connected MOSFETs for very high current applications, can be used to apply power to a ground
referenced load circuit in what is referred to as “high-side drive” applications. Figure 12 shows the basic
application of the LM9061.
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM9061 LM9061-Q1


Similar Part No. - LM9061

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9061 NSC-LM9061 Datasheet
234Kb / 14P
   Power MOSFET Driver with Lossless Protection
LM9061N NSC-LM9061N Datasheet
234Kb / 14P
   Power MOSFET Driver with Lossless Protection
More results

Similar Description - LM9061

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5060 TI1-LM5060_15 Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller
logo
National Semiconductor ...
LM5060 NSC-LM5060 Datasheet
523Kb / 24P
   High-Side Protection Controller with Low Quiescent Current
logo
Texas Instruments
LM5060 TI1-LM5060_14 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Protection Controller with Low Quiescent Current
LM5060 TI1-LM5060_18 Datasheet
1Mb / 39P
[Old version datasheet]   High-Side Protection Controller with Low Quiescent Current
LM5060Q1MM TI-LM5060Q1MM Datasheet
1Mb / 33P
[Old version datasheet]   LM5060 High-Side Protection Controller with Low Quiescent Current
logo
Cherry Semiconductor Co...
CS4124 CHERRY-CS4124 Datasheet
149Kb / 6P
   High Side PWM FET Controller
logo
Anpec Electronics Corop...
APL3542A ANPEC-APL3542A Datasheet
268Kb / 20P
   High-Side Power Distribution Controller
APL3542 ANPEC-APL3542 Datasheet
251Kb / 20P
   High-Side Power Distribution Controller
logo
ON Semiconductor
CS4124 ONSEMI-CS4124 Datasheet
89Kb / 12P
   High Side PWM FET Controller
November, 2000 ??Rev. 6
logo
Anpec Electronics Corop...
APL3540 ANPEC-APL3540 Datasheet
313Kb / 19P
   High-Side Power Distribution Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com