Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC827ADGVRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC827ADGVRG4
Description  SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC827ADGVRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC827ADGVRG4 Datasheet HTML 1Page - Texas Instruments SN74LVC827ADGVRG4 Datasheet HTML 2Page - Texas Instruments SN74LVC827ADGVRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC827ADGVRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC827ADGVRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC827ADGVRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC827ADGVRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC827ADGVRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC827ADGVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Y1
To Nine Other Channels
OE1
OE2
A1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC827A
SCAS306K – MARCH 1993 – REVISED DECEMBER 2014
SN74LVC827A 10-Bit Buffer/Driver With 3-State Outputs
1 Features
2 Applications
1
Operates From 1.65 V to 3.6 V
LED Displays
Inputs Accept Voltages to 5.5 V
Network Switches
Max tpd of 6.7 ns at 3.3 V
Telecom Infrastructure
Typical VOLP (Output Ground Bounce)
Servers
< 0.8 V at VCC = 3.3 V, TA = 25°C
Motor Drivers
Typical VOHV (Output VOH Undershoot)
I/O Expanders
> 2 V at VCC = 3.3 V, TA = 25°C
3 Description/Ordering Information
Supports Mixed-Mode Signal Operation on
All Ports (5-V Input/Output Voltage With
The SN74LVC827A device is a 10-bit buffer/bus
3.3-V VCC)
driver is designed for 1.65-V to 3.6-V VCC operation.
Ioff Supports Live Insertion, Partial-Power-Down
Device Information(1)
Mode, and Back-Drive Protection
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Latch-Up Performance Exceeds 250 mA Per
TVSOP (24)
5.00 mm × 4.40 mm
JESD 17
SN74LVC827A
SOIC (24)
15.40 mm × 7.50 mm
ESD Protection Exceeds JESD 22
SSOP (24)
8.20 mm × 5.30 mm
2000-V Human-Body Model
(1) For all available packages, see the orderable addendum at
200-V Machine Model
the end of the data sheet.
1000-V Charged-Device Model
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC827ADGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC827ADGVR TI-SN74LVC827ADGVR Datasheet
279Kb / 13P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC827ADGVRE4 TI-SN74LVC827ADGVRE4 Datasheet
279Kb / 13P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC827ADGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN64BCT29828B TI1-SN64BCT29828B Datasheet
85Kb / 5P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC828A TI1-SN74LVC828A_15 Datasheet
622Kb / 16P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC827A TI-SN74LVC827A Datasheet
279Kb / 13P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC828A TI-SN74LVC828A Datasheet
126Kb / 8P
[Old version datasheet]   10-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
CY74FCT2827T TI1-CY74FCT2827T_14 Datasheet
536Kb / 12P
[Old version datasheet]   10-BIT BUFFER WITH 3-STATE OUTPUTS
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16825 TI-SN74ALVCH16825 Datasheet
112Kb / 8P
[Old version datasheet]   18-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com