Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC821ADWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC821ADWR
Description  10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC821ADWR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC821ADWR Datasheet HTML 1Page - Texas Instruments SN74LVC821ADWR Datasheet HTML 2Page - Texas Instruments SN74LVC821ADWR Datasheet HTML 3Page - Texas Instruments SN74LVC821ADWR Datasheet HTML 4Page - Texas Instruments SN74LVC821ADWR Datasheet HTML 5Page - Texas Instruments SN74LVC821ADWR Datasheet HTML 6Page - Texas Instruments SN74LVC821ADWR Datasheet HTML 7Page - Texas Instruments SN74LVC821ADWR Datasheet HTML 8Page - Texas Instruments SN74LVC821ADWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
SN74LVC821A
10-BIT BUS-INTERFACE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCAS304J – MARCH 1993 – REVISED FEBRUARY 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fmax
(1)
(1)
150
150
MHz
tpd
CLK
Q
(1)
(1)
(1)
(1)
8.5
2.2
7.3
ns
ten
OE
Q
(1)
(1)
(1)
(1)
8.8
1.3
7.6
ns
tdis
OE
Q
(1)
(1)
(1)
(1)
6.8
1.6
6.2
ns
tsk(o)
1
ns
(1)
This information was not available at the time of publication.
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
Outputs enabled
(1)
(1)
65
Power dissipation capacitance
Cpd
f = 10 MHz
pF
per flip-flop
Outputs disabled
(1)
(1)
48
(1)
This information was not available at the time of publication.
5


Similar Part No. - SN74LVC821ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC821ADWR TI-SN74LVC821ADWR Datasheet
466Kb / 16P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC821ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT29821 TI-SN74BCT29821 Datasheet
70Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821A TI-SN74LVC821A_08 Datasheet
466Kb / 16P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821A TI-SN74LVC821A Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29822 TI1-SN74BCT29822 Datasheet
77Kb / 4P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
CD74FCT821A TI1-CD74FCT821A_13 Datasheet
223Kb / 9P
[Old version datasheet]   BiCMOS 10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC823A TI-SN74LVC823A Datasheet
299Kb / 14P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
   18-Bit Bus-Interface Flip-Flop with 3-State Outputs
logo
Texas Instruments
SN74ALVCH16823 TI1-SN74ALVCH16823_15 Datasheet
841Kb / 20P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29823 TI1-SN74BCT29823_11 Datasheet
204Kb / 8P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29823 TI-SN74BCT29823 Datasheet
73Kb / 5P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com