Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68EZ328 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC68EZ328
Description  Integrated Portable System Processor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68EZ328 Datasheet(HTML) 4 Page - Motorola, Inc

  MC68EZ328 Datasheet HTML 1Page - Motorola, Inc MC68EZ328 Datasheet HTML 2Page - Motorola, Inc MC68EZ328 Datasheet HTML 3Page - Motorola, Inc MC68EZ328 Datasheet HTML 4Page - Motorola, Inc MC68EZ328 Datasheet HTML 5Page - Motorola, Inc MC68EZ328 Datasheet HTML 6Page - Motorola, Inc MC68EZ328 Datasheet HTML 7Page - Motorola, Inc MC68EZ328 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
MC68EZ328 Product Brief
System Configuration
2
System Integration Module
The MC68EZ328 system integration module (SIM28-EZ) consists of several functions that control the
system start-up, initialization, configuration, and the external bus with a minimum of external devices. The
memory interface allows the user to interface gluelessly with the widely available SRAM and EPROM as
well as FLASH memory. With the assistance of chip-select logic, wait states can be programmable. The
interrupt controller accepts and resolves the priority from internal modules and external generated
interrupts. It also handles the masking and wake-up selection control for power control. The low-power
logic can be used to control the CPU power dissipation by altering the frequency or stopping the CPU. In
addition, the SIM28-EZ is capable of configuring the pin to allow the user to select either dedicated I/O or
parallel I/O. This feature help to increase the number of available I/O ports by reclaiming when the
dedicated function is not used.
2.1
System Configuration
The MC68EZ328 system configuration logic consists of a system control register (SCR) which allows the
user to configure operation of the following major functions:
System Status and Control Logic
Bus Error Generation Control
Protect module control registers from access by user programs
2.2
VCO/PLL Clock Synthesizer
The clock synthesizer can operate with either an external crystal or an external oscillator for reference,
using the internal phase-locked loop (PLL) and voltage-controlled oscillator (VCO), or an external clock
can directly drive the clock signal at the operating frequency.
2.3
Chip Select Logic
The MC68EZ328 provides eight programmable general purpose chip-select signals. For a given chip-
select block, the user may choose whether the chip-select allows read-only, or both read and write
accesses, whether a DTACK is automatically generated for this chip-select, and after how many wait states
(from zero to six) the DTACK will be generated.
2.4
External Bus Interface
The external bus interface handles the transfer of information between the internal 68EC000 core and the
memory, peripherals, or other processing elements in the external address space. It consists of a 16 bit
68000 bus interface for internal and a 8 bit interface to outside.
2.5
Interrupt Controller
The interrupt controller accepts and prioritizes both internal and external interrupt requests and generates a
vector number during the CPU interrupt acknowledge cycle. Interrupt nesting is also provided so that an


Similar Part No. - MC68EZ328

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68EC000 MOTOROLA-MC68EC000 Datasheet
249Kb / 26P
   Addendum to M68000 User Manual
MC68EC000 MOTOROLA-MC68EC000 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
MC68EC000 MOTOROLA-MC68EC000 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
logo
Freescale Semiconductor...
MC68EC000 FREESCALE-MC68EC000 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User Manual
logo
Motorola, Inc
MC68EC000D MOTOROLA-MC68EC000D Datasheet
249Kb / 26P
   Addendum to M68000 User Manual
More results

Similar Description - MC68EZ328

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68328P MOTOROLA-MC68328P Datasheet
195Kb / 6P
   Integrated Portable System Processor-DragonBall
logo
Freescale Semiconductor...
MC9328MX1 FREESCALE-MC9328MX1 Datasheet
1Mb / 96P
   i.MX Integrated Portable System Processor
MC9328MXL FREESCALE-MC9328MXL Datasheet
1Mb / 84P
   i.MX Integrated Portable System Processor
logo
Motorola, Inc
MC68SZ328 MOTOROLA-MC68SZ328 Datasheet
300Kb / 12P
   Integrated Portable System Processor Product Brief
MC68VZ328P MOTOROLA-MC68VZ328P Datasheet
120Kb / 6P
   Integrated Portable System Processor Product Brief
logo
Freescale Semiconductor...
P1022DS-PA FREESCALE-P1022DS-PA Datasheet
337Kb / 2P
   Integrated media and communications processor development system
logo
Dallas Semiconductor
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
logo
Maxim Integrated Produc...
DS1677 MAXIM-DS1677 Datasheet
230Kb / 18P
   Portable System Controller
REV: 080905
logo
Dallas Semiconductor
DS1677 DALLAS-DS1677 Datasheet
162Kb / 17P
   Portable System Controller
DS1670 DALLAS-DS1670 Datasheet
252Kb / 17P
   Portable System Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com