Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC04A-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC04A-Q1
Description  Qualified for Automotive Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC04A-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC04A-Q1 Datasheet HTML 1Page - Texas Instruments SN74LVC04A-Q1 Datasheet HTML 2Page - Texas Instruments SN74LVC04A-Q1 Datasheet HTML 3Page - Texas Instruments SN74LVC04A-Q1 Datasheet HTML 4Page - Texas Instruments SN74LVC04A-Q1 Datasheet HTML 5Page - Texas Instruments SN74LVC04A-Q1 Datasheet HTML 6Page - Texas Instruments SN74LVC04A-Q1 Datasheet HTML 7Page - Texas Instruments SN74LVC04A-Q1 Datasheet HTML 8Page - Texas Instruments SN74LVC04A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
FEATURES
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
D OR PW PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
A
Y
SN74LVC04A-Q1
HEX INVERTER
SCAS704B – SEPTEMBER 2003 – REVISED FEBRUARY 2008
www.ti.com
• Qualified for Automotive Applications
• ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
• Operates From 2 V to 3.6 V
• Inputs Accept Voltages to 5.5 V
• Max t
pd of 4.5 ns at 3.3 V
• Typical V
OLP (Output Ground Bounce) < 0.8 V
at VCC = 3.3 V, TA = 25°C
• Typical V
OHV (Output VOH Undershoot) > 2 V
at VCC = 3.3 V, TA = 25°C
The SN74LVC04A hex inverter contains six independent inverters designed for 2.7-V to 3.6-V VCC operation.
The device performs the Boolean function Y = A.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of this device as a translator in
a mixed 3.3-V/5-V system environment.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SOIC – D
Reel of 2500
SN74LVC04AQDRQ1
LVC04AQ
–40
°C to 125°C
TSSOP – PW
Reel of 2000
SN74LVC04AQPWRQ1
LVC04AQ
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
FUNCTION TABLE
(EACH INVERTER)
INPUT
OUTPUT
A
Y
H
L
L
H
LOGIC DIAGRAM, EACH INVERTER (POSITIVE LOGIC)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC04A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC04A-Q1 TI1-SN74LVC04A-Q1 Datasheet
241Kb / 10P
[Old version datasheet]   HEX INVERTER
More results

Similar Description - SN74LVC04A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC225XA-Q1 TI1-TLC225XA-Q1 Datasheet
646Kb / 35P
[Old version datasheet]   Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0507-4 PETERMANN-SMD0507-4_15 Datasheet
541Kb / 4P
   Qualified for automotive applications
SMD0503-2 PETERMANN-SMD0503-2_15 Datasheet
652Kb / 4P
   Qualified for automotive applications
logo
Texas Instruments
TPS3306-15QDRG4Q1 TI1-TPS3306-15QDRG4Q1 Datasheet
815Kb / 16P
[Old version datasheet]   Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0503 PETERMANN-SMD0503_15 Datasheet
412Kb / 4P
   Qualified for automotive applications
SMD0603-4 PETERMANN-SMD0603-4_15 Datasheet
716Kb / 4P
   Qualified for automotive applications
logo
Texas Instruments
TUSB211 TI1-TUSB211 Datasheet
1Mb / 21P
[Old version datasheet]   Qualified for Automotive Applications
SN74AHC32Q-Q1 TI1-SN74AHC32Q-Q1 Datasheet
102Kb / 7P
[Old version datasheet]   Qualified for Automotive Applications
SN74LVC04AQPWRQ1 TI-SN74LVC04AQPWRQ1 Datasheet
760Kb / 12P
[Old version datasheet]   Qualified for Automotive Applications
logo
PETERMANN-TECHNIK
SMD0507-2 PETERMANN-SMD0507-2_15 Datasheet
518Kb / 4P
   Qualified for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com