Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC3G14DCUTE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVC3G14DCUTE4
Description  Triple Schmitt-Trigger Inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC3G14DCUTE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC3G14DCUTE4 Datasheet HTML 1Page - Texas Instruments SN74LVC3G14DCUTE4 Datasheet HTML 2Page - Texas Instruments SN74LVC3G14DCUTE4 Datasheet HTML 3Page - Texas Instruments SN74LVC3G14DCUTE4 Datasheet HTML 4Page - Texas Instruments SN74LVC3G14DCUTE4 Datasheet HTML 5Page - Texas Instruments SN74LVC3G14DCUTE4 Datasheet HTML 6Page - Texas Instruments SN74LVC3G14DCUTE4 Datasheet HTML 7Page - Texas Instruments SN74LVC3G14DCUTE4 Datasheet HTML 8Page - Texas Instruments SN74LVC3G14DCUTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN74LVC3G14
SCES367J – AUGUST 2001 – REVISED NOVEMBER 2013
www.ti.com
Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
–40°C to 85°C
–40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
UNIT
1.65 V
0.7
1.4
0.7
1.4
2.3 V
1
1.7
1
1.7
VT+
Positive-going input
3 V
1.3
2.2
1.3
2.2
V
threshold voltage
4.5 V
1.9
3.1
1.9
3.1
5.5 V
2.2
3.7
2.2
3.7
1.65 V
0.3
0.7
0.3
0.7
2.3 V
0.4
1
0.4
1
VT–
Negative-going input
3 V
0.6
1.3
0.6
1.3
V
threshold voltage
4.5 V
1.1
2
1.1
2
5.5 V
1.4
2.5
1.4
2.5
1.65 V
0.3
0.8
0.3
0.8
2.3 V
0.4
0.9
0.4
0.9
ΔVT
Hysteresis
3 V
0.4
1.1
0.4
1.1
V
(VT+ – VT–)
4.5 V
0.6
1.3
0.6
1.3
5.5 V
0.7
1.4
0.7
1.4
1.65 V to
IOH = –100 μA
VCC – 0.1
VCC – 0.1
4.5 V
IOH = –4 mA
1.65 V
1.2
1.2
IOH = –8 mA
2.3 V
1.9
1.9
VOH
V
IOH = –16 mA
3 V
2.4
2.4
IOH = –24 mA
3 V
2.3
2.3
IOH = –32 mA
4.5 V
3.8
3.8
1.65 V to
IOL = 100 μA
0.1
0.1
4.5 V
IOL = 4 mA
1.65 V
0.45
0.45
IOL = 8 mA
2.3 V
0.3
0.3
VOL
V
IOL = 16 mA
3 V
0.4
0.4
IOL = 24 mA
3 V
0.55
0.75
IOL = 32 mA
4.5 V
0.55
0.75
II
A inputs
VI = 5.5 V or GND
0 to 5.5 V
±5
±5
μA
Ioff
VI or VO = 5.5 V
0
±10
±10
μA
VI = 5.5 V or
1.65 V to
ICC
IO = 0
10
10
μA
GND,
5.5 V
One input at
3 V to
ΔICC
VCC – 0.6
Other inputs at VCC or GND
500
500
μA
5.5 V
V,
Ci
VI = VCC or GND
3.3 V
4.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC3G14
–40°C to 85°C
FROM
TO
PARAMETER
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
3.9
9.2
1.9
5.7
2.3
5.4
1.5
4.3
ns
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: SN74LVC3G14


Similar Part No. - SN74LVC3G14DCUTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G14DCUT TI-SN74LVC3G14DCUT Datasheet
329Kb / 13P
[Old version datasheet]   TRIPLE SCHMITT TRIGGER INVERTER
More results

Similar Description - SN74LVC3G14DCUTE4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU3G14 ONSEMI-NLU3G14_16 Datasheet
80Kb / 8P
   Triple Schmitt-Trigger Inverter
July, 2016 ??Rev. 4
NLX3G14 ONSEMI-NLX3G14 Datasheet
122Kb / 8P
   Triple Schmitt-Trigger Inverter
November, 2008 ??Rev. 0
NL37WZ14 ONSEMI-NL37WZ14_12 Datasheet
112Kb / 5P
   Triple Schmitt-Trigger Inverter
April, 2012 ??Rev. 8
logo
Diodes Incorporated
74LVC3G14 DIODES-74LVC3G14 Datasheet
575Kb / 9P
   TRIPLE SCHMITT-TRIGGER INVERTER
November 2022 Rev. 2 - 2
logo
Texas Instruments
SN74LVC3G14 TI-SN74LVC3G14 Datasheet
329Kb / 13P
[Old version datasheet]   TRIPLE SCHMITT TRIGGER INVERTER
logo
ON Semiconductor
NL37WZ14 ONSEMI-NL37WZ14_V01 Datasheet
150Kb / 11P
   Triple Schmitt-Trigger Inverter
April, 2022 - Rev. 12
NL37WZ14 ONSEMI-NL37WZ14 Datasheet
65Kb / 6P
   Triple Schmitt-Trigger Inverter
March, 2004 ??Rev. 3
NLX3G14 ONSEMI-NLX3G14_16 Datasheet
76Kb / 8P
   Triple Schmitt-Trigger Inverter
July, 2016 ??Rev. 3
NL37WZ14 ONSEMI-NL37WZ14_19 Datasheet
184Kb / 11P
   Triple Schmitt-Trigger Inverter
January, 2019 ??Rev. 9
NLU3G14 ONSEMI-NLU3G14 Datasheet
103Kb / 8P
   Triple Schmitt-Trigger Inverter
March, 2008 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com