Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC3G14DCTRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC3G14DCTRG4
Description  Triple Schmitt-Trigger Inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC3G14DCTRG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC3G14DCTRG4 Datasheet HTML 1Page - Texas Instruments SN74LVC3G14DCTRG4 Datasheet HTML 2Page - Texas Instruments SN74LVC3G14DCTRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC3G14DCTRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC3G14DCTRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC3G14DCTRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC3G14DCTRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC3G14DCTRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC3G14DCTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN74LVC3G14
www.ti.com
SCES367J – AUGUST 2001 – REVISED NOVEMBER 2013
Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (seeFigure 1)
SN74LVC3G14
–40°C to 125°C
FROM
TO
PARAMETER
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
3.9
9.7
1.9
6.2
2.3
5.9
1.5
4.7
ns
Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
17
18
19
22
pF
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LVC3G14


Similar Part No. - SN74LVC3G14DCTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G14DCTR TI-SN74LVC3G14DCTR Datasheet
329Kb / 13P
[Old version datasheet]   TRIPLE SCHMITT TRIGGER INVERTER
More results

Similar Description - SN74LVC3G14DCTRG4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU3G14 ONSEMI-NLU3G14_16 Datasheet
80Kb / 8P
   Triple Schmitt-Trigger Inverter
July, 2016 ??Rev. 4
NLX3G14 ONSEMI-NLX3G14 Datasheet
122Kb / 8P
   Triple Schmitt-Trigger Inverter
November, 2008 ??Rev. 0
NL37WZ14 ONSEMI-NL37WZ14_12 Datasheet
112Kb / 5P
   Triple Schmitt-Trigger Inverter
April, 2012 ??Rev. 8
logo
Diodes Incorporated
74LVC3G14 DIODES-74LVC3G14 Datasheet
575Kb / 9P
   TRIPLE SCHMITT-TRIGGER INVERTER
November 2022 Rev. 2 - 2
logo
Texas Instruments
SN74LVC3G14 TI-SN74LVC3G14 Datasheet
329Kb / 13P
[Old version datasheet]   TRIPLE SCHMITT TRIGGER INVERTER
logo
ON Semiconductor
NL37WZ14 ONSEMI-NL37WZ14_V01 Datasheet
150Kb / 11P
   Triple Schmitt-Trigger Inverter
April, 2022 - Rev. 12
NL37WZ14 ONSEMI-NL37WZ14 Datasheet
65Kb / 6P
   Triple Schmitt-Trigger Inverter
March, 2004 ??Rev. 3
NLX3G14 ONSEMI-NLX3G14_16 Datasheet
76Kb / 8P
   Triple Schmitt-Trigger Inverter
July, 2016 ??Rev. 3
NL37WZ14 ONSEMI-NL37WZ14_19 Datasheet
184Kb / 11P
   Triple Schmitt-Trigger Inverter
January, 2019 ??Rev. 9
NLU3G14 ONSEMI-NLU3G14 Datasheet
103Kb / 8P
   Triple Schmitt-Trigger Inverter
March, 2008 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com