Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC2G86YZPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G86YZPR
Description  Dual 2-Input Exclusive-OR Gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G86YZPR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G86YZPR Datasheet HTML 1Page - Texas Instruments SN74LVC2G86YZPR Datasheet HTML 2Page - Texas Instruments SN74LVC2G86YZPR Datasheet HTML 3Page - Texas Instruments SN74LVC2G86YZPR Datasheet HTML 4Page - Texas Instruments SN74LVC2G86YZPR Datasheet HTML 5Page - Texas Instruments SN74LVC2G86YZPR Datasheet HTML 6Page - Texas Instruments SN74LVC2G86YZPR Datasheet HTML 7Page - Texas Instruments SN74LVC2G86YZPR Datasheet HTML 8Page - Texas Instruments SN74LVC2G86YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
2B
3
2
5
8
1
1A
VCC
1B
GND
DCT PACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOM VIEW)
DCU PACKAGE
(TOP VIEW)
3
2
4
5
1
1A
VCC
1Y
1B
GND
1B
GND
VCC
2A
2Y
See mechanical drawings for dimensions.
2
5
3
4
8
2Y
2B
2A
2Y
1Y
2A
4
6
7
6
7
8
6
1
7
1A
2B
1Y
SN74LVC2G86
www.ti.com
SCES360I – AUGUST 2001 – REVISED DECEMBER 2013
Dual 2-Input Exclusive-OR Gate
Check for Samples: SN74LVC2G86
1
FEATURES
DESCRIPTION
This dual 2-input exclusive-OR gate is designed for
2
Available in the Texas Instruments NanoFree™
1.65-V to 5.5-V VCC operation.
Package
The SN74LVC2G86 performs the Boolean function Y
Supports 5-V VCC Operation
= A
⊕ B or Y = AB + AB in positive logic.
Inputs Accept Voltages to 5.5 V
NanoFree™
package
technology
is
a
major
Max tpd of 4.7 ns at 3.3 V
breakthrough in IC packaging concepts, using the die
Low Power Consumption, 10-
μA Max ICC
as the package.
±24-mA Output Drive at 3.3 V
A common application is as a true/complement
Typical VOLP (Output Ground Bounce)
element. If the input is low, the other input is
<0.8 V at VCC = 3.3 V, TA = 25°C
reproduced in true form at the output. If the input is
Typical VOHV (Output VOH Undershoot)
high, the signal on the other input is reproduced
inverted at the output.
>2 V at VCC = 3.3 V, TA = 25°C
Ioff Supports Live Insertion, Partial-Power-
This device is fully specified for partial-power-down
Down Mode and Back Drive Protection
applications using Ioff. The Ioff circuitry disables the
outputs,
preventing
damaging
current
backflow
Latch-Up Performance Exceeds 100 mA Per
through the device when it is powered down.
JESD 78, Class II
ESD Protection Exceeds JESD 22
2000-V Human-Body Model (A114-A)
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC2G86YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI1-SN74LVC2G80 Datasheet
887Kb / 18P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flop
SN74LVC2G80 TI1-SN74LVC2G80 Datasheet
888Kb / 18P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flop
SN74LVC2G80DCTR TI-SN74LVC2G80DCTR Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results

Similar Description - SN74LVC2G86YZPR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
logo
NXP Semiconductors
74HC2G86 PHILIPS-74HC2G86 Datasheet
85Kb / 17P
   Dual 2-input exclusive-OR gate
2003 Jul 28
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
logo
ON Semiconductor
NLX2G86 ONSEMI-NLX2G86 Datasheet
133Kb / 5P
   Dual 2-Input Exclusive-OR Gate
April, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
   Dual 2-input EXCLUSIVE-OR gate
logo
ON Semiconductor
NL27WZ86 ONSEMI-NL27WZ86_V01 Datasheet
353Kb / 9P
   Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
logo
Diodes Incorporated
74LVC2G86 DIODES-74LVC2G86 Datasheet
510Kb / 11P
   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
STMicroelectronics
74V2G86 STMICROELECTRONICS-74V2G86 Datasheet
132Kb / 7P
   DUAL 2-INPUT EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com