Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC3G06DCTRE4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC3G06DCTRE4
Description  Triple Inverter Buffer/Driver With Open-Drain Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC3G06DCTRE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC3G06DCTRE4 Datasheet HTML 7Page - Texas Instruments SN74LVC3G06DCTRE4 Datasheet HTML 8Page - Texas Instruments SN74LVC3G06DCTRE4 Datasheet HTML 9Page - Texas Instruments SN74LVC3G06DCTRE4 Datasheet HTML 10Page - Texas Instruments SN74LVC3G06DCTRE4 Datasheet HTML 11Page - Texas Instruments SN74LVC3G06DCTRE4 Datasheet HTML 12Page - Texas Instruments SN74LVC3G06DCTRE4 Datasheet HTML 13Page - Texas Instruments SN74LVC3G06DCTRE4 Datasheet HTML 14Page - Texas Instruments SN74LVC3G06DCTRE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MECHANICAL DATA
MPDS049B – MAY 1999 – REVISED OCTOBER 2002
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DCT (R-PDSO-G8)
PLASTIC SMALL-OUTLINE PACKAGE
0,60
0,20
0,25
0
° – 8°
0,15 NOM
Gage Plane
4188781/C 09/02
4,25
5
0,30
0,15
2,90
3,75
2,70
8
4
3,15
2,75
1
0,10
0,00
1,30 MAX
Seating Plane
0,10
M
0,13
0,65
PIN 1
INDEX AREA
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion
D. Falls within JEDEC MO-187 variation DA.


Similar Part No. - SN74LVC3G06DCTRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G06DCTRE4 TI1-SN74LVC3G06DCTRE4 Datasheet
937Kb / 18P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
More results

Similar Description - SN74LVC3G06DCTRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G06 TI1-SN74LVC3G06_17 Datasheet
937Kb / 18P
[Old version datasheet]   Triple Inverter Buffer/Driver With Open-Drain Outputs
SN74LVC3G06 TI-SN74LVC3G06 Datasheet
319Kb / 12P
[Old version datasheet]   TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74AUP3G06 TI-SN74AUP3G06 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC3G07 TI-SN74LVC3G07 Datasheet
342Kb / 13P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC3G07 TI1-SN74LVC3G07_16 Datasheet
844Kb / 16P
[Old version datasheet]   Triple Buffer/Driver With Open-drain Outputs
SN74LVC3G07 TI1-SN74LVC3G07_18 Datasheet
935Kb / 18P
[Old version datasheet]   Triple Buffer/Driver With Open-drain Outputs
SN74LVC3G07-Q1 TI1-SN74LVC3G07-Q1 Datasheet
270Kb / 9P
[Old version datasheet]   TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC3G07 TI-SN74LVC3G07_08 Datasheet
405Kb / 12P
[Old version datasheet]   TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC3G07-EP TI-SN74LVC3G07-EP Datasheet
338Kb / 10P
[Old version datasheet]   TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com