Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC3G04 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVC3G04
Description  Triple Inverter Gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC3G04 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC3G04_16 Datasheet HTML 1Page - Texas Instruments SN74LVC3G04_16 Datasheet HTML 2Page - Texas Instruments SN74LVC3G04_16 Datasheet HTML 3Page - Texas Instruments SN74LVC3G04_16 Datasheet HTML 4Page - Texas Instruments SN74LVC3G04_16 Datasheet HTML 5Page - Texas Instruments SN74LVC3G04_16 Datasheet HTML 6Page - Texas Instruments SN74LVC3G04_16 Datasheet HTML 7Page - Texas Instruments SN74LVC3G04_16 Datasheet HTML 8Page - Texas Instruments SN74LVC3G04_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN74LVC3G04
SCES363L – AUGUST 2001 – REVISED NOVEMBER 2013
www.ti.com
Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
–40°C to 85°C
–40°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
1.65 V
IOH = –100 µA
to
VCC – 0.1
VCC – 0.1
5.5 V
IOH = –4 mA
1.65 V
1.2
1.2
VOH
V
IOH = –8 mA
2.3 V
1.9
1.9
IOH = –16 mA
2.4
2.4
3 V
IOH = –24 mA
2.3
2.3
IOH = –32 mA
4.5 V
3.8
3.8
1.65 V
IOL = 100 µA
to
0.1
0.1
5.5 V
IOL = 4 mA
1.65 V
0.45
0.45
VOL
V
IOL = 8 mA
2.3 V
0.3
0.3
IOL = 16 mA
0.4
0.4
3 V
IOL = 24 mA
0.55
0.55
IOL = 32 mA
4.5 V
0.55
0.75
A
0 to
II
VI = 5.5 V or GND
±5
±5
µA
inputs
5.5 V
Ioff
VI or VO = 5.5 V
0
±10
±10
µA
1.65 V
ICC
VI = 5.5 V or GND,
IO = 0
to
10
10
µA
5.5 V
3 V to
ΔICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
500
500
µA
5.5 V
Ci
VI = VCC or GND
3.3 V
3.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC3G04
–40°C to 85°C
FROM
TO
PARAMETER
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
3.2
7.9
1.5
4.4
1.4
4.1
1.1
3.2
ns
Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC3G04
–40°C to 125°C
FROM
TO
PARAMETER
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
3.2
8.9
1.5
5.4
1.4
5.1
1.1
3.8
ns
Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
16
16
16
18
pF
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: SN74LVC3G04


Similar Part No. - SN74LVC3G04_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G04DCTR TI-SN74LVC3G04DCTR Datasheet
318Kb / 12P
[Old version datasheet]   TRIPLE INVERTER GATE
SN74LVC3G04DCUR TI-SN74LVC3G04DCUR Datasheet
318Kb / 12P
[Old version datasheet]   TRIPLE INVERTER GATE
SN74LVC3G04DCUT TI-SN74LVC3G04DCUT Datasheet
318Kb / 12P
[Old version datasheet]   TRIPLE INVERTER GATE
SN74LVC3G04YEAR TI-SN74LVC3G04YEAR Datasheet
318Kb / 12P
[Old version datasheet]   TRIPLE INVERTER GATE
SN74LVC3G04YEPR TI-SN74LVC3G04YEPR Datasheet
318Kb / 12P
[Old version datasheet]   TRIPLE INVERTER GATE
More results

Similar Description - SN74LVC3G04_16

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC3G04G-S08-R UTC-U74LVC3G04G-S08-R Datasheet
196Kb / 5P
   TRIPLE INVERTER GATE
logo
Texas Instruments
SN74LVC3G04 TI-SN74LVC3G04 Datasheet
318Kb / 12P
[Old version datasheet]   TRIPLE INVERTER GATE
SN74LVC3GU04 TI-SN74LVC3GU04 Datasheet
253Kb / 11P
[Old version datasheet]   TRIPLE INVERTER GATE
logo
Diodes Incorporated
74LVC3G04 DIODES-74LVC3G04 Datasheet
463Kb / 8P
   TRIPLE INVERTER GATE
November 2022 2 - 2
logo
Texas Instruments
SN74AUP3G04 TI-SN74AUP3G04_1 Datasheet
810Kb / 18P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
   Triple inverter
Rev. 01-4 May 2004
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
   Triple Inverter
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
   Triple inverter
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com