Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22-H200 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 22-H200
Description  STAIN LESS ST EEL CABLE TIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

22-H200 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  22-H200 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
22 Series
SELF-LOCKING BALL LOCK HEAD DESIGN
PROVIDES A STRONG, DURABLE METHOD OF CABLE BUNDLING
CAN BE USED IN A WIDE RANGE OF INDOOR, OUTDOOR
AND UNDERGROUND APPLICATIONS
304 STAINLESS STEEL FOR GENERAL PURPOSE APPLICATIONS
316 STAINLESS STEEL FOR CORROSIVE ENVIRONMENTS
OPERATING TEMPERATURE: -80°C to +538°C
STAINLESS STEEL CABLE TIES
Qualtek Electronics
ISO-9001 Company
www.Qualtekusa.com
22-S125
22-S150
22-S200
22-S260
22-S290
22-S360
22-S520
22-S680
22-S840
Part Number
Width
90 [200]
90 [200]
90 [200]
90 [200]
90 [200]
90 [200]
90 [200]
90 [200]
90 [200]
4.6 [.180]
4.6 [.180]
4.6 [.180]
4.6 [.180]
4.6 [.180]
4.6 [.180]
4.6 [.180]
4.6 [.180]
4.6 [.180]
38.0 [1.49]
46.0 [1.81]
61.9 [2.43]
81.0 [3.19]
90.6 [3.56]
mm [Inch]
Length
mm [Inch]
125 [5.0]
150 [6.0]
200 [8.0]
260 [10.0]
290 [11.5]
360 [14.0]
520 [20.5]
680 [27.0]
840 [33.0]
Max Bundle
Diameter
mm [Inch]
Min Loop Tensile
Kg [lb]
H - 350lb
22-H200
22-H260
22-H290
22-H360
22-H520
22-H680
22-H840
160 [350]
160 [350]
160 [350]
160 [350]
160 [350]
160 [350]
160 [350]
7.9 [.310]
7.9 [.310]
7.9 [.310]
7.9 [.310]
7.9 [.310]
7.9 [.310]
7.9 [.310]
61.9 [2.43]
81.0 [3.19]
90.6 [3.56]
200 [8.0]
260 [10.0]
290 [11.5]
360 [14.0]
520 [20.5]
680 [27.0]
840 [33.0]
EH - 500lb
22-EH290
22-EH360
22-EH520
22-EH680
22-EH840
235 [500]
235 [500]
235 [500]
235 [500]
235 [500]
12 [.485]
12 [.485]
12 [.485]
12 [.485]
12 [.485]
90.6 [3.56]
290 [11.5]
360 [14.0]
520 [20.5]
680 [27.0]
840 [33.0]
112.8 [4.44]
163.8 [6.45]
214.8 [8.45]
265.7 [10.46]
112.8 [4.44]
163.8 [6.45]
214.8 [8.45]
265.7 [10.46]
112.8 [4.44]
163.8 [6.45]
214.8 [8.45]
265.7 [10.46]
A: 304 Stainless Steel
B: 316 Stainless Steel
C: 304 Epoxy Coated Stainless Steel
D: 316 Epoxy Coated Stainless Steel
C: 100PCS
Number: Other Quantity
E H
2 2
A
C
6 8 0
SERIES
CROSS SECTION
LENGTH
MATERIAL/COLOR
PACKAGE SIZE
PART NUMBER SYSTEM
WIDTH
S - 200lb
Notes:
1. 22-H260, 22-EH290C, 22-EH360C, 22-EH520C, 22-EH680C, 22-EH840C, 22-EH290D, 22-EH360D, 22-EH520D,
22-EH680D, 22-EH840D are not UL approved
APPROVALS :
1
Rev. B


Similar Part No. - 22-H200

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
22-001 OENINDIA-22-001 Datasheet
462Kb / 1P
   MICRO SWITCH
logo
Aries Electronics, Inc.
22-002-152FBP ARIES-22-002-152FBP Datasheet
583Kb / 1P
   Fusion Bonded Cable Jumpers
22-002-171PTLHT ARIES-22-002-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
22-002-172PTLHT ARIES-22-002-172PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
22-002-173PTLHT ARIES-22-002-173PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
More results

Similar Description - 22-H200

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
   Cable Ties and Fixings Cable Ties Outside Serrated
logo
List of Unclassifed Man...
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
   Nylon Cable Ties
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
   Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
logo
List of Unclassifed Man...
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
   Releasable Cable Ties
481-0500 ETC2-481-0500 Datasheet
118Kb / 2P
   Identification Cable Ties
logo
3M Electronics
CT4BK18-C 3M-CT4BK18-C Datasheet
113Kb / 5P
   3M??Cable Ties
logo
Heyco.
12864B HEYCO-12864B Datasheet
91Kb / 1P
   Stainless Steel Cable Ties
logo
HellermannTyton.
151-16500 HELLERMANNTYTON-151-16500 Datasheet
173Kb / 3P
   Cable Ties and Fixings
10/2017
logo
OEN India Limited
04-0550RLX OENINDIA-04-0550RLX Datasheet
49Kb / 1P
   Releasable Nylon Cable Ties
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com