Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29LV160TF-70I Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HY29LV160TF-70I
Description  16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29LV160TF-70I Datasheet(HTML) 1 Page - Hynix Semiconductor

  HY29LV160TF-70I Datasheet HTML 1Page - Hynix Semiconductor HY29LV160TF-70I Datasheet HTML 2Page - Hynix Semiconductor HY29LV160TF-70I Datasheet HTML 3Page - Hynix Semiconductor HY29LV160TF-70I Datasheet HTML 4Page - Hynix Semiconductor HY29LV160TF-70I Datasheet HTML 5Page - Hynix Semiconductor HY29LV160TF-70I Datasheet HTML 6Page - Hynix Semiconductor HY29LV160TF-70I Datasheet HTML 7Page - Hynix Semiconductor HY29LV160TF-70I Datasheet HTML 8Page - Hynix Semiconductor HY29LV160TF-70I Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
KEY FEATURES
n Single Power Supply Operation
– Read, program and erase operations from
2.7 to 3.6 volts
– Ideal for battery-powered applications
n High Performance
– 70, 80, 90 and 120 ns access time
versions
n Ultra-low Power Consumption (Typical
Values At 5 Mhz)
– Automatic sleep mode current: 1 µA
– Standby mode current: 1 µA
– Read current: 9 mA
– Program/erase current: 20 mA
n Flexible Sector Architecture:
– One 16 KB, two 8 KB, one 32 KB and
thirty-one 64 KB sectors in byte mode
– One 8 KW, two 4 KW, one 16 KW and
thirty-one 32 KW sectors in word mode
– Top or bottom boot block configurations
available
n Sector Protection
– Allows locking of a sector or sectors to
prevent program or erase operations
within that sector
– Sectors lockable in-system or via
programming equipment
– Temporary Sector Unprotect allows
changes in locked sectors (requires high
voltage on RESET# pin)
n Fast Program and Erase Times
– Sector erase time: 0.25 sec typical for
each sector
– Chip erase time: 8 sec typical
– Byte program time: 9
µs typical
n Unlock Bypass Program Command
– Reduces programming time when issuing
multiple program command sequences
n Automatic Erase Algorithm Preprograms
and Erases Any Combination of Sectors
or the Entire Chip
n Erase Suspend/Erase Resume
– Suspends an erase operation to allow
reading data from, or programming data
to, a sector that is not being erased
– Erase Resume can then be invoked to
complete suspended erasure
n Automatic Program Algorithm Writes and
Verifies Data at Specified Addresses
Preliminary
Revision 1.2, May 2001
A[19:0]
20
CE#
OE#
RESET#
BYTE#
WE#
8
7
DQ[7:0]
DQ[14:8]
DQ15/A-1
RY/BY#
LOGIC DIAGRAM
n 100,000 Write Cycles per Sector Minimum
n Data# Polling and Toggle Bits
– Provide software confirmation of
completion of program and erase
operations
n Ready/Busy# Pin
– Provides hardware confirmation of
completion of program and erase
operations
n Hardware Reset Pin (RESET#) Resets the
Device to Reading Array Data
n Compliant With Common Flash Memory
Interface (CFI) Specification
– Flash device parameters stored directly
on the device
– Allows software driver to identify and use
a variety of different current and future
Flash products
n Compatible With JEDEC standards
– Pinout and software compatible with
single-power supply Flash devices
– Superior inadvertent write protection
n Space Efficient Packaging
– 48-pin TSOP and 48-ball FBGA packages
HY29LV160
16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory


Similar Part No. - HY29LV160TF-70I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV320 HYNIX-HY29LV320 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320B HYNIX-HY29LV320B Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320BF-12 HYNIX-HY29LV320BF-12 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320BF-12I HYNIX-HY29LV320BF-12I Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320BF-70 HYNIX-HY29LV320BF-70 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
More results

Similar Description - HY29LV160TF-70I

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29LV800 HYNIX-HY29LV800 Datasheet
556Kb / 40P
   8 Mbit (1M x 8/512K x 16) Low Voltage Flash Memory
HY29LV320 HYNIX-HY29LV320 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
logo
Cypress Semiconductor
CY62167EV30 CYPRESS-CY62167EV30_10 Datasheet
574Kb / 16P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
logo
Toshiba Semiconductor
TC58FVT160 TOSHIBA-TC58FVT160 Datasheet
1Mb / 29P
   16-MBIT (2M x 8 BITS/1M x 16 BITS) CMOS FLASH MIMORY
logo
Cypress Semiconductor
CY62167EV30 CYPRESS-CY62167EV30_09 Datasheet
505Kb / 14P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167E CYPRESS-CY62167E Datasheet
528Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com