Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15-1919 Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # 15-1919
Description  CABL E TIES R UBBE R ADH ESIVE MOUNTING BASE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

15-1919 Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  15-1919 Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15 Series
CABLE TIES RUBBER ADHESIVE MOUNTING BASE
Qualtek Electronics
ISO-9001 Company
www.Qualtekusa.com
N: Natural
B: Normal UV Black
C: 100PCS
Number: Other Quantity
1 5
B
C
1919
SERIES
SIZE
MATERIAL/COLOR
PACKAGE SIZE
PART NUMBER SYSTEM
NYLON 6.6
GENERAL PURPOSE
Part Number
Length
mm [Inch]
Width
mm [Inch]
Screw Size
15-1919
15-2525
15-4040
M5 [#10]
M5 [#10]
M5 [#10]
19.0 [.750]
28.0 [1.10]
40.0 [1.50]
19.0 [.750]
28.0 [1.10]
40.0 [1.50]
Cable Ties
Width up to
3.6 [.140]
4.8 [.189]
9.0 [.354]
mm [Inch]
WIDTH
SCREW SIZE
APPLICATION OPERATING TEMPERATURE: -40°C to +85°C
APPROVALS :
1
Notes:
1. 15-4040 is not UL approved
Rev. B


Similar Part No. - 15-1919

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15-10041 ETC2-15-10041 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
15-10042 ETC2-15-10042 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
15-10043 ETC2-15-10043 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
15-10044 ETC2-15-10044 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
15-10101 ETC2-15-10101 Datasheet
2Mb / 16P
   Drop Wire Clamps for CATV and Telephone Cable
More results

Similar Description - 15-1919

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
16_SERIES QUALTEK-16_SERIES Datasheet
1Mb / 1P
   CABL E TIES S CREW MOU NT BASE
13_SERIES QUALTEK-13_SERIES Datasheet
1Mb / 1P
   BEAD ED CABL E TIES
logo
Powerbox
MULTIPLUS POWERBOX-MULTIPLUS Datasheet
115Kb / 2P
   I N V E R T E R C H A R G E R
CENTAUR POWERBOX-CENTAUR Datasheet
296Kb / 2P
   T H R E E S T E P B AT T E R Y C H A R G E R
SKYLLA POWERBOX-SKYLLA Datasheet
424Kb / 2P
   T H R E E S T E P B AT T E R Y C H A R G E R
DBL500 POWERBOX-DBL500 Datasheet
244Kb / 1P
   B AT T E R Y C H A R G E R
logo
E-Tech Electronics LTD
GJUR0620CT ETL-GJUR0620CT Datasheet
427Kb / 2P
   S U P E R FA S T R E CO V E RY R E C T I F I E R
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
   S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com