Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDH952A Datasheet(PDF) 2 Page - Texas Instruments

Part # LDH952A
Description  16-BIT REGISTERED TRANSCEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDH952A Datasheet(HTML) 2 Page - Texas Instruments

  LDH952A Datasheet HTML 1Page - Texas Instruments LDH952A Datasheet HTML 2Page - Texas Instruments LDH952A Datasheet HTML 3Page - Texas Instruments LDH952A Datasheet HTML 4Page - Texas Instruments LDH952A Datasheet HTML 5Page - Texas Instruments LDH952A Datasheet HTML 6Page - Texas Instruments LDH952A Datasheet HTML 7Page - Texas Instruments LDH952A Datasheet HTML 8Page - Texas Instruments LDH952A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
SN74LVCH16952A
16-BIT REGISTERED TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS320L – NOVEMBER 1993 – REVISED MARCH 2005
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of this device as a translator in
a mixed 3.3-V/5-V system environment.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level. Use of pullup or
pulldown resistors with the bus-hold circuitry is not recommended. The bus-hold circuitry is part of the input
circuit and is not disabled by OE or DIR.
FUNCTION TABLE(1)
INPUTS
OUTPUT
B
CEAB
CLKAB
OEAB
A
H
X
L
X
B0(2)
X
L
L
X
B0(2)
L
L
L
L
L
L
H
H
X
X
H
X
Z
(1)
A-to-B data flow is shown; B-to-A data flow is similar, but uses
CEBA, CLKBA, and OEBA.
(2)
Level of B before the indicated steady-state input conditions were
established
2


Similar Part No. - LDH952A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LDH9GP OSRAM-LDH9GP Datasheet
726Kb / 21P
   SMD epoxy package with silicone lens
LDH9GP-3T2U-35-1 OSRAM-LDH9GP-3T2U-35-1 Datasheet
725Kb / 21P
   SMD epoxy package with silicone lens
More results

Similar Description - LDH952A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163652 TI1-CY74FCT163652 Datasheet
142Kb / 12P
[Old version datasheet]   16-Bit Registered Transceiver
CY74FCT163646 TI-CY74FCT163646 Datasheet
71Kb / 8P
[Old version datasheet]   16-Bit Registered Transceiver
logo
Integrated Device Techn...
IDT74FCT16952AT IDT-IDT74FCT16952AT_18 Datasheet
90Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT163952A IDT-IDT74FCT163952A Datasheet
105Kb / 7P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
logo
NXP Semiconductors
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
   16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
logo
Integrated Device Techn...
IDT74LVCH16543A IDT-IDT74LVCH16543A_16 Datasheet
234Kb / 6P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16952AT RENESAS-IDT74FCT16952AT Datasheet
219Kb / 8P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
MAY 2018
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
logo
NXP Semiconductors
74ABT16952 PHILIPS-74ABT16952 Datasheet
87Kb / 12P
   16-bit registered transceiver 3-State
1998 Feb 25
74ALVCH16952 PHILIPS-74ALVCH16952 Datasheet
85Kb / 12P
   16-bit registered transceiver 3-State
1998 Sep 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com