Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC9017 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LBC9017
Description  PCI/ISA Single Board Computer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LBC9017 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LBC9017 Datasheet HTML 1Page - List of Unclassifed Manufacturers LBC9017 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CPU / Cache
• Intel Xeon processor at 2.4 to 3.06GHz with
512KB L2 8-way set associative cache
• Intel Low Voltage Xeon processor at 2.0GHz
with 512KB L2 8-way set associative cache
• 12KB level one Execution Trace Cache and
8KB L1 data cache
• Intel E7501 chipset
Bus Interface
• 400/533MHz Front Side Bus
• 32-bit/33MHz or 64-bit/66MHz PCI and
64-bit/66 to 133MHz PCI-X Busses;
• 16-bit/8.33MHz ISA Bus
• High drive ISA buffers, up to 20 slots
Memory
• Two 184-pin latching DIMM sockets
• Up to 4GB using 64/128/256/512 x 72 with
ECC DDR266 (2.5V)
Data Path
• 64-bit / 400/533MHz on CPU and memory bus
• 32-bit/33MHz on onboard PCI bus
• 64-bit/66,100,133MHz onboard PCI-X bus
• 32-bit/33MHz or 64-bit/66MHz off-board
PCI bus
• 16-bit on off-board ISA bus
• 1GB/s Hub Link 2.0
Flash Memory
• 8Mb (1MB) Flash ROM for BIOS field
upgrade
I/O
• USB Ports: two, 1.1 compliant (via 4-pin
headers)
• PS/2 mouse and keyboard (10-pin shrouded IDC
header and 6-pin on faceplate)
• Serial Ports: two RS-232 (16C550) with 16
byte FIFO as COM1-2 with BIOS selectable
IRQs and addressing, (two male 10-pin shrouded
headers)
• Parallel Port: one bi-directional with all IEEE
1284 protocols supported and BIOS
selectable IRQs and addressing, (male 26-pin
shrouded header)
• Floppy Disk: support for two drives (360 KB
to 2.88 MB), (male 34-pin shrouded header)
• EIDE: PCI Ultra ATA/100, support for two
drives (master/slave configuration); PIO
Mode 4, Bus Master IDE or DMA mode
transfers up to 100MB/s, (male 40-pin shrouded
headers)
• Gigabit Ethernet: 10/100/1000Base-TX (Intel
82546EB), (shielded RJ-45 on face plate w/ link,
speed and activity LEDs)
• Hub Link Expansion (80-pin socket): opt.
Ultra320 SCSI LVD/SE card
Video
• PCI SVGA concurrent, independent CRT and
LVDS flat panel controller with 8MB SDRAM
memory (SM Lynx3DM+) (female DB-15 on
face plate, 20-pin shrouded header)
Video (cont’d)
• Supports displays with resolution up to 800 x
600, 16.8M colors; 1024 x 768, 64K colors; or
ECC 1280 x 1024, 256 colors, non-interlaced
Clock / Calendar
• Real-time clock with 256 byte battery backup
CMOS RAM
Misc.
• Speaker (4-pin), reset (2-pin), HD activity LED
(2-pin)
• Onboard Wake-on-LAN (S1)
• 12V CPU power (4-pin); CPU fan power
(3-pin)
• Intruder alert (2-pin)
BIOS
• PCI 2.2 compliant field upgradeable AMI BIOS
• Boot from LAN (PXE 2.0)
• Supports memory hole at 15-16MB;
PnP V1.0a compatible
• Setup console redirection to serial port (VT100
or ANSI mode) with CMOS setup access
• Onboard video, Ethernet enable/disable
• Diskless, keyboardless, and videoless
operation extensions; system, video and third
party option card ROM shadowing
• Advanced security features for floppy and
HDD; S.M.A.R.T.; SMBIOS V2.3.1
• Processor thermal management, ACPI
Rev 1.0b & 2.0 compliant
• Custom graphical boot, multi boot
Supervisory
• Three-stage programmable watchdog timer
drives interrupt on 1st stage, NMI on 2nd
stage, system reset on 3rd stage
• Hardware system monitor (voltages, CPU
temperature, fan speed)
OS/Driver Compatibility
• Windows®98/ME/2000/XP/NT; Monta Vista
Hard Hat and Red Hat Linux®
Mechanical
• 13.30 in. x 4.80 in. x 2.42 in. at CPU / fan
(338 mm x 122 mm x 61 mm)
• Conforms to IEEE P996 PC/AT bus, PCI
Rev. 2.2, PICMG 1.0 Rev. 2.0, & PCI-SIG
PCI-X Addendum to the PCI Local Bus
Specification, Rev. 1.0b standards
Power Requirements
Max Power Dissipation
124W
ICC typ.*
+5V
8A
+12V
7A
-5V
0mA
-12V
0mA
*Measured with 2.8GHz CPU, 4GB DDR & HDD
Environmental
Operating
• Min Temperature: 0°C / 32°F
• Max Temperature:
• 3.06, 2.8, 2.4GHz : 40°C / 104°F
• 2.0GHz : 50°C / 122°F
Environmental (cont’d)
• Humidity (RNC): 5 to 95% @ 40°C / 104°F
• Altitude: 3048m / 10,000ft@ 28°C / 82°F
• Vibration: 1G 5-500Hz
Storage and Transit (in approved packaging)
• Temperature: -40° to 70°C / -40° to 158°F
• Humidity (RNC): 0 to 95% @ 40°C / 104°F
• Altitude: 15,240m / 50,000ft
• Shock: 30” free fall
• Vibration: 0.5G 5-50Hz, 3G 50-500Hz
Reliability
• MTBF: >170,000 hours @ 20°C / 68°F
(Telecordia)
• 2 year limited warranty
• USB and keyboard/mouse voltage protected
by self-resetting fuses
Regulatory Compliance
• Safety: UL/cUL 60950-1:2003;
EN/IEC 60950-1:2001
• EMC Class A: FCC 47 CFR part 15-B,
CISPR22:1997/EN55022:1998, EN55024:1998
Ordering Information
LBC-9017/3060
PCI/ISA SBC with 3.06GHz/533MHz Xeon
processor with 512KB L2 cache
LBC-9017/2800
PCI/ISA SBC with 2.8GHz/533MHz Xeon
processor with 512KB L2 cache
LBC-9017/2400
PCI/ISA SBC with 2.4GHz/533MHz Xeon
processor with 512KB L2 cache
LBC-9017/2000
PCI/ISA SBC with 2.0GHz/400MHz Low Voltage
Xeon processor with 512KB L2 cache
Options
DDR266 DIMMs
SDC-320 SCSI daughter card
Cables
All products are shipped FOB factory (MS).
Specifications subject to change without notice.
Trademarks are the property of their respective
owners.
(C) Copyright 2004 by Diversified Technology, Inc.
All rights reserved.
SPECIFICATIONS
www.dtims.com
1.800.443.2667
476 Highland Colony Parkway • Ridgeland, MS 39157
LBC-9017
PCI/ISA Single Board Computer


Similar Part No. - LBC9017

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LBC-100 MPD-LBC-100 Datasheet
1Mb / 4P
   100W Output Power
LBC-100-1600x MPD-LBC-100-1600x Datasheet
1Mb / 4P
   100W Output Power
LBC-100-1750x MPD-LBC-100-1750x Datasheet
1Mb / 4P
   100W Output Power
LBC-100-2100x MPD-LBC-100-2100x Datasheet
1Mb / 4P
   100W Output Power
LBC-100-2450x MPD-LBC-100-2450x Datasheet
1Mb / 4P
   100W Output Power
More results

Similar Description - LBC9017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPC-2325 ETC2-EPC-2325 Datasheet
147Kb / 4P
   PCI/ISA Single Board Computer
logo
BOSER Technology Co., L...
HS-7238S BOSER-HS-7238S_1 Datasheet
3Mb / 88P
   Pentium짰 4 PCI-ISA Bus Industrial Single Board Computer
HS-7238 BOSER-HS-7238_1 Datasheet
3Mb / 74P
   Intel짰 Pentium짰 4 processor PCI-ISA Bus Single Board Computer
HS-7239 BOSER-HS-7239 Datasheet
5Mb / 84P
   Pentium짰 M/ Celeron짰 M PCI-ISA Bus Industrial Single Board Computer
logo
List of Unclassifed Man...
VL-EPMP-34S ETC2-VL-EPMP-34S Datasheet
620Kb / 2P
   PCI -104 Single Board Computer
logo
BOSER Technology Co., L...
HS-7250 BOSER-HS-7250_1 Datasheet
2Mb / 54P
   Intel짰 Pentium짰 M/Celeron짰M/ ULV Intel짰 Celeron짰 M processor PCI-ISA/ISA Bus Single Board Computer
logo
Adlink Technology Inc.
CM3-BT4 ADLINK-CM3-BT4 Datasheet
551Kb / 4P
   Extreme Rugged PCI-104 Single Board Computer
CM3-BT1 ADLINK-CM3-BT1 Datasheet
551Kb / 4P
   Extreme Rugged PCI-104 Single Board Computer
CMX-SLX ADLINK-CMX-SLX Datasheet
644Kb / 4P
   PCI/104-Express Type 1 Single Board Computer
logo
Advantech Co., Ltd.
PCA-6104-0C2E ADVANTECH-PCA-6104-0C2E Datasheet
131Kb / 1P
   PCI/ISA Backplanes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com