Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV4T125RGYR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4T125RGYR
Description  Single Power Supply Quadruple Buffer Translator GATE With 3-State Output CMOS Logic Level Shifter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV4T125RGYR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LV4T125RGYR Datasheet HTML 6Page - Texas Instruments SN74LV4T125RGYR Datasheet HTML 7Page - Texas Instruments SN74LV4T125RGYR Datasheet HTML 8Page - Texas Instruments SN74LV4T125RGYR Datasheet HTML 9Page - Texas Instruments SN74LV4T125RGYR Datasheet HTML 10Page - Texas Instruments SN74LV4T125RGYR Datasheet HTML 11Page - Texas Instruments SN74LV4T125RGYR Datasheet HTML 12Page - Texas Instruments SN74LV4T125RGYR Datasheet HTML 13Page - Texas Instruments SN74LV4T125RGYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
1OE
1A
2OE
2A
1Y
2Y
3OE
3A
4OE
4A
3Y
4Y
SN74LV4T125
SCLS749B – FEBRUARY 2014 – REVISED SEPTEMBER 2014
www.ti.com
9 Detailed Description
9.1 Overview
The SN74LVxTxx family was created to allow up- or down-voltage translation with only one power rail. The family
has over-voltage tolerant inputs that allow down translation from up to 5.5 V to the VCC level that can be as low
as 1.8 V. The family SN74LVxTxx also has a lowered switching threshold that allows it to translate up to the VCC
level that can be as high as 5.5 V.
9.1.1 Translating Down
Using these parts to translate down is very simple. Because the inputs are tolerant to 5.5 V at any valid VCC, they
can be used to down translate. The input can be any level above VCC up to 5.5 V and the output will equal the
VCC level, which can be as low as 1.8 V. One important advantage to down translating using this part is that the
ICC current will remain less than or equal to the specified value.
Down translation possibilities with SN74LVxTxx:
With 1.8-V VCC from 2.5 V, 3.3 V, or 5 V down to 1.8 V.
With 2.5-V VCC from 3.3 V or 5 V down to 2.5 V.
With 3.3-V VCC from 5 V down to 3.3 V.
9.1.2 Translating Up
Using the SN74LVxTxx family to translate up is very simple. The input switching threshold is lowered so the high
level of the input voltage can be much lower than a typical CMOS VIH. For instance, If the VCC is 3.3 V then the
typical CMOS switching threshold would be VCC / 2 or 1.65 V. This means the input high level must be at least
VCC × 0.7 or 2.31 V. On the LVxT devices the input threshold for 3.3-V VCC is approximately 1 V. This allows a
signal with a 1.8-V VIH to be translated up to the VCC level of 3.3 V.
Up translation possibilities with SN74LVxTxx:
With 2.5-V VCC from 1.8 V to 2.5 V.
With 3.3-V VCC from 1.8 V or 2.5 V to 3.3 V.
With 5-V VCC From 2.5 V or 3.3 V to 5 V.
9.2 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: SN74LV4T125


Similar Part No. - SN74LV4T125RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4T125 TI1-SN74LV4T125 Datasheet
949Kb / 20P
[Old version datasheet]   SN74LV1T125 Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV4T125 TI1-SN74LV4T125 Datasheet
898Kb / 18P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV4T125 TI1-SN74LV4T125 Datasheet
899Kb / 18P
[Old version datasheet]   Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
SN74LV4T125 TI1-SN74LV4T125 Datasheet
922Kb / 19P
[Old version datasheet]   Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
SN74LV4T125 TI-SN74LV4T125 Datasheet
1Mb / 25P
[Old version datasheet]   SN74LV4T125-Q1 Automotive Quadruple Buffer Translator With 3-State Outputs
MARCH 2022
More results

Similar Description - SN74LV4T125RGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54SC4T125-SEP TI-SN54SC4T125-SEP Datasheet
918Kb / 18P
[Old version datasheet]   SN54SC4T125-SEP Radiation Tolerant, Single Power Supply Quadruple Buffer Translator GATE With 3-State Output CMOS Logic Level Shifter
NOVEMBER 2023
SN54SC4T125-SEP TI1-SN54SC4T125-SEP_V01 Datasheet
1,011Kb / 23P
[Old version datasheet]   SN54SC4T125-SEP Radiation Tolerant, Single Power Supply Quadruple Buffer Translator GATE With 3-State Output CMOS Logic Level Shifter
NOVEMBER 2023
SN74LV1T125 TI1-SN74LV1T125_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T125 TI1-SN74LV1T125 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126_15 Datasheet
948Kb / 20P
[Old version datasheet]   SN74LV1T126 Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T125 TI1-SN74LV1T125_15 Datasheet
949Kb / 20P
[Old version datasheet]   SN74LV1T125 Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
logo
Renesas Technology Corp
HD74LV1GT125A RENESAS-HD74LV1GT125A Datasheet
116Kb / 8P
   Bus Buffer Gate with 3.state Output / CMOS Logic Level Shifter
HD74LV1GT126A RENESAS-HD74LV1GT126A Datasheet
113Kb / 8P
   Bus Buffer Gate with 3.state Output / CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com