Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G07DSF2 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G07DSF2
Description  SN74LVC1G07 Single Buffer/Driver With Open-Drain Output
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G07DSF2 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G07DSF2 Datasheet HTML 1Page - Texas Instruments SN74LVC1G07DSF2 Datasheet HTML 2Page - Texas Instruments SN74LVC1G07DSF2 Datasheet HTML 3Page - Texas Instruments SN74LVC1G07DSF2 Datasheet HTML 4Page - Texas Instruments SN74LVC1G07DSF2 Datasheet HTML 5Page - Texas Instruments SN74LVC1G07DSF2 Datasheet HTML 6Page - Texas Instruments SN74LVC1G07DSF2 Datasheet HTML 7Page - Texas Instruments SN74LVC1G07DSF2 Datasheet HTML 8Page - Texas Instruments SN74LVC1G07DSF2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
A
Y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC1G07
SCES296AD – FEBRUARY 2000 – REVISED MAY 2016
SN74LVC1G07 Single Buffer/Driver With Open-Drain Output
1
1 Features
1
Available in the Ultra Small 0.64-mm2
Package (DPW) With 0.5-mm Pitch
Supports 5-V VCC Operation
Input and Open-Drain Output Accept
Voltages up to 5.5 V
Can Translate Up or Down
Max tpd of 4.2 ns at 3.3 V
Low Power Consumption, 10-µA Max ICC
±24-mA Output Drive at 3.3 V
Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
2000-V Human-Body Model (A114-A)
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
2 Applications
AV Receiver
Blu-ray Player and Home Theater
DVD Recorder and Player
Desktop or Notebook PC
Digital Radio or Internet Radio Player
Digital Video Camera (DVC)
Embedded PC
GPS: Personal Navigation Device
Mobile Internet Device
Network Projector Front End
Portable Media Player
Pro Audio Mixer
Smoke Detector
Solid State Drive (SSD): Enterprise
High-Definition (HDTV)
Tablet: Enterprise
Audio Dock: Portable
DLP Front Projection System
DVR and DVS
Digital Picture Frame (DPF)
Digital Still Camera
3 Description
This single buffer/driver is designed for 1.65-V to
5.5-V VCC operation.
The output of the SN74LVC1G07 device is open
drain and can be connected to other open-drain
outputs to implement active-low wired-OR or active-
high wired-AND functions. The maximum sink current
is 32 mA.
The SN74LVC1G07 is available in a variety of
packages, including the ultra-small DPW package
with a body size of 0.8 mm × 0.8 mm.
white space
white space
Device Information(1)
DEVICE NAME
PACKAGE
BODY SIZE
SN74LVC1G07DBV
SOT-23 (5)
2.9mm × 1.6mm
SN74LVC1G07DCK
SC70 (5)
2.0mm × 1.25mm
SN74LVC1G07DPW X2SON (5)
0.8mm × 0.8mm
SN74LVC1G07DRY
SON (6)
1.45mm × 1.0mm
SN74LVC1G07DSF
SON (6)
1.0mm × 1.0mm
SN74LVC1G07DRL
SOT (5)
1.6mm x 1.2mm
SN74LVC1G07YZP
DSBGA (6)
1.38mm x 0.88mm
SN74LVC1G07YZV
DSBGA (4)
0.88mm x 0.88mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.


Similar Part No. - SN74LVC1G07DSF2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G07DSF2 TI1-SN74LVC1G07DSF2 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
More results

Similar Description - SN74LVC1G07DSF2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G07-Q1 TI1-SN74LVC1G07-Q1_V01 Datasheet
1Mb / 21P
[Old version datasheet]   SN74LVC1G07-Q1 Single Buffer/Driver With Open-Drain Output
logo
Diodes Incorporated
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
SN74LVC1G07 TI-SN74LVC1G07_10 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74AHC1G07Q DIODES-74AHC1G07Q Datasheet
535Kb / 9P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G07 TI-SN74AUC1G07 Datasheet
309Kb / 12P
[Old version datasheet]   SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com