Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G00DRY2 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G00DRY2
Description  SN74LVC1G00_16
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G00DRY2 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC1G00DRY2 Datasheet HTML 1Page - Texas Instruments SN74LVC1G00DRY2 Datasheet HTML 2Page - Texas Instruments SN74LVC1G00DRY2 Datasheet HTML 3Page - Texas Instruments SN74LVC1G00DRY2 Datasheet HTML 4Page - Texas Instruments SN74LVC1G00DRY2 Datasheet HTML 5Page - Texas Instruments SN74LVC1G00DRY2 Datasheet HTML 6Page - Texas Instruments SN74LVC1G00DRY2 Datasheet HTML 7Page - Texas Instruments SN74LVC1G00DRY2 Datasheet HTML 8Page - Texas Instruments SN74LVC1G00DRY2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
SN74LVC1G00
SCES212AB – APRIL 1999 – REVISED APRIL 2014
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Detailed Description .............................................. 9
9.1
Overview ................................................................... 9
2
Applications ........................................................... 1
9.2
Functional Block Diagram ......................................... 9
3
Description ............................................................. 1
9.3
Feature Description................................................... 9
4
Simplified Schematic............................................. 1
9.4
Device Functional Modes.......................................... 9
5
Revision History..................................................... 2
10
Application and Implementation........................ 10
6
Pin Configuration and Functions ......................... 3
10.1
Application Information.......................................... 10
7
Specifications......................................................... 3
10.2
Typical Application ............................................... 10
7.1
Absolute Maximum Ratings ..................................... 3
11
Power Supply Recommendations ..................... 11
7.2
Handling Ratings....................................................... 3
12
Layout................................................................... 11
7.3
Recommended Operating Conditions ...................... 4
12.1
Layout Guidelines ................................................. 11
7.4
Thermal Information .................................................. 4
12.2
Layout Example .................................................... 11
7.5
Electrical Characteristics........................................... 5
13
Device and Documentation Support ................. 12
7.6
Switching Characteristics, CL = 15 pF ...................... 5
13.1
Trademarks ........................................................... 12
7.7
Switching Characteristics, –40°C to 85°C................. 5
13.2
Electrostatic Discharge Caution ............................ 12
7.8
Switching Characteristics, –40°C to 125°C............... 5
13.3
Glossary ................................................................ 12
7.9
Operating Characteristics.......................................... 6
14
Mechanical, Packaging, and Orderable
7.10
Typical Characteristics ............................................ 6
Information ........................................................... 12
8
Parameter Measurement Information .................. 7
5 Revision History
Changes from Revision AA (March 2014) to Revision AB
Page
Added Pin Functions table. .................................................................................................................................................... 3
Updated Handling Ratings table. ........................................................................................................................................... 3
Added Thermal Information table. ......................................................................................................................................... 4
Added Typical Characteristics. .............................................................................................................................................. 6
Added Detailed Description section. ...................................................................................................................................... 9
Added Application and Implementation section. ................................................................................................................. 10
Added Power Supply Recommendations section. .............................................................................................................. 11
Added Layout section. ......................................................................................................................................................... 11
Changes from Revision Z (November 2014) to Revision AA
Page
Added Applications section. ................................................................................................................................................... 1
Added Device Information table. ............................................................................................................................................ 1
Added Tstg to Handling Ratings table. .................................................................................................................................... 3
Changes from Revision Y (September 2013) to Revision Z
Page
Changed document Features. ................................................................................................................................................ 1
Changes from Revision X (November 2012) to Revision Y
Page
Extended operating temperature from 85°C to 125°C. .......................................................................................................... 4
2
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: SN74LVC1G00


Similar Part No. - SN74LVC1G00DRY2

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SN74LVC1G00DRYR UMW-SN74LVC1G00DRYR Datasheet
2Mb / 10P
   Low input current: typical value 0.1uA ● Wide operating voltage range: 1.65V to 5.5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com