Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV1T126 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV1T126
Description  Single Power Supply Inverter Gate CMOS Logic Level Shifter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV1T126 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV1T126 Datasheet HTML 1Page - Texas Instruments SN74LV1T126 Datasheet HTML 2Page - Texas Instruments SN74LV1T126 Datasheet HTML 3Page - Texas Instruments SN74LV1T126 Datasheet HTML 4Page - Texas Instruments SN74LV1T126 Datasheet HTML 5Page - Texas Instruments SN74LV1T126 Datasheet HTML 6Page - Texas Instruments SN74LV1T126 Datasheet HTML 7Page - Texas Instruments SN74LV1T126 Datasheet HTML 8Page - Texas Instruments SN74LV1T126 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
NC
A
GND
V
CC
Y
1
2
3
4
5
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LV1T04
SCLS738B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
SN74LV1T04 Single Power Supply Inverter Gate CMOS Logic Level Shifter
1 Features
2 Applications
1
Single-Supply Voltage Translator at
Industrial controllers
5.0/3.3/2.5/1.8V VCC
Telecom
Operating Range of 1.8V to 5.5V
Portable applications
Up Translation
Servers
1.2V(1) to 1.8V at 1.8V VCC
PC and notebooks
1.5V(1) to 2.5V at 2.5V VCC
Automotive
1.8V(1) to 3.3V at 3.3V VCC
3 Description
3.3V to 5.0V at 5.0V VCC
SN74LV1T04 is a low voltage CMOS gate logic that
Down Translation
operates at a wider voltage range for industrial,
3.3V to 1.8V at 1.8V VCC
portable, telecom, and automotive applications. The
3.3V to 2.5V at 2.5V VCC
output level is referenced to the supply voltage and is
able to support 1.8V/2.5V/3.3V/5V CMOS levels.
5.0V to 3.3V at 3.3V VCC
The input is designed with a lower threshold circuit to
Logic Output is Referenced to VCC
match 1.8V input logic at VCC = 3.3V and can be used
Output Drive
in 1.8V to 3.3V level up translation. In addition, the
8mA Output Drive at 5V
5V tolerant input pins enable down translation (e.g.
7mA Output Drive at 3.3V
3.3V to 2.5V output at VCC = 2.5V). The wide VCC
range of 1.8V to 5.5V allows generation of desired
3mA Output Drive at 1.8V
output levels to connect to controllers or processors.
Characterized up to 50MHz at 3.3V VCC
The SN74LV1T04 is designed with current-drive
5V Tolerance on Input Pins
capability
of
8
mA
to
reduce
line
reflections,
–40°C to 125°C Operating Temperature Range
overshoot, and undershoot caused by high-drive
Pb-Free Packages Available: SC-70 (DCK)
outputs.
2 × 2.1 × 0.65 mm (Height 1.1mm)
Device Information
Latch-Up Performance Exceeds 250mA
ORDER NUMBER
PACKAGE
BODY SIZE
Per JESD 17
SN74LV1T04DBVR
SOT-23 (5)
2,90mm x 1,60mm
ESD Performance Tested Per JESD 22
SN74LV1T04DCKR
SC70 (5)
2,00mm x 1,25mm
2000-V Human-Body Model
(A114-B, Class II)
DCK or DBV PACKAGE
200-V Machine Model (A115-A)
(TOP VIEW)
1000-V Charged-Device Model (C101)
Supports Standard Logic Pinouts
CMOS Output B Compatible with AUP1G and
LVC1G Families
(1)
Refer to the VIH/VIL and output drive for lower VCC condition.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LV1T126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T126 TI1-SN74LV1T126 Datasheet
948Kb / 20P
[Old version datasheet]   SN74LV1T126 Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126 Datasheet
899Kb / 18P
[Old version datasheet]   Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126 Datasheet
922Kb / 19P
[Old version datasheet]   Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Quadruple Buffer Translator GATE With 3-State Output CMOS Logic Level Shifter
SN74LV1T126 TI1-SN74LV1T126 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
More results

Similar Description - SN74LV1T126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T04 TI1-SN74LV1T04_18 Datasheet
1Mb / 20P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T04_1809 TI1-SN74LV1T04_1809 Datasheet
1Mb / 23P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T04DCKR TI1-SN74LV1T04DCKR Datasheet
848Kb / 16P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T34 TI1-SN74LV1T34 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
SN74LV1T34 TI1-SN74LV1T34_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
SN74LV1T34 TI1-SN74LV1T34_15 Datasheet
947Kb / 20P
[Old version datasheet]   SN74LV1T34 Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
logo
Renesas Technology Corp
HD74LV1GT04A RENESAS-HD74LV1GT04A_15 Datasheet
138Kb / 9P
   Inverter / CMOS Logic Level Shifter
HD74LV1GT04A RENESAS-HD74LV1GT04A Datasheet
102Kb / 7P
   Inverter / CMOS Logic Level Shifter
logo
Texas Instruments
SN74LV1T02_1809 TI1-SN74LV1T02_1809 Datasheet
1Mb / 23P
[Old version datasheet]   Single Power Supply 2-Input Positive NOR Gate CMOS Logic Level Shifter
SN74LV1T08_1809 TI1-SN74LV1T08_1809 Datasheet
1Mb / 23P
[Old version datasheet]   Single Power Supply 2-Input Positive AND Gate CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com