Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV1T14 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LV1T14
Description  Single Power Supply Inverter Gate CMOS Logic Level Shifter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV1T14 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LV1T14 Datasheet HTML 1Page - Texas Instruments SN74LV1T14 Datasheet HTML 2Page - Texas Instruments SN74LV1T14 Datasheet HTML 3Page - Texas Instruments SN74LV1T14 Datasheet HTML 4Page - Texas Instruments SN74LV1T14 Datasheet HTML 5Page - Texas Instruments SN74LV1T14 Datasheet HTML 6Page - Texas Instruments SN74LV1T14 Datasheet HTML 7Page - Texas Instruments SN74LV1T14 Datasheet HTML 8Page - Texas Instruments SN74LV1T14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
VIH min = 1.36V
VIL min = 0.8V
VOH min = 2.4V
VOL max = 0.4V
LV1Txx Logic
3.3V
System
5.0V, 3.3V
2.5V, 1.8V
System
Vcc = 3.3V
VIH = 2.0V
VIL = 0.8V
VIH = 0.99V
VIL = 0.55V
5.0V
3.3V
System
Vcc = 5.0V
LV1Txx Logic
5.0V
System
Vcc = 1.8V
5.0V, 3.3V
2.5V, 1.8V
1.5V, 1.2V
System
LV1Txx Logic
1.8V
System
SN74LV1T04
www.ti.com
SCLS738B – SEPTEMBER 2013 – REVISED FEBRUARY 2014
4.1 Typical Design Examples
Figure 5. Switching Thresholds for 1.8-V to 3.3-V Translation
4.2 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7.0
V
VI
Input voltage range(2)
–0.5
7.0
V
Voltage range applied to any output in the high-impedance or power-off state (2)
–0.5
4.6
V
VO
Voltage range applied to any output in the high or low state (2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–20
mA
IOK
Output clamp current
VO < 0 or VO > VCC
±20
mA
IO
Continuous output current
±25
mA
Continuous current through VCC or GND
±50
mA
DBV package
206
θJA
Package thermal impedance(3)
DCK package
252
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74LV1T04


Similar Part No. - SN74LV1T14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T14 TI1-SN74LV1T14 Datasheet
949Kb / 20P
[Old version datasheet]   SN74LV1T125 Single Power Supply Single Buffer Gate with 3-State Output CMOS Logic Level Shifter
SN74LV1T14 TI1-SN74LV1T14 Datasheet
899Kb / 18P
[Old version datasheet]   Single Power Supply 2-Input Positive OR Gate CMOS Logic Level Shifter
SN74LV1T14 TI1-SN74LV1T14 Datasheet
922Kb / 19P
[Old version datasheet]   Single Power Supply 2-INput Exclusive-OR Gate CMOS Logic Level Shifter
SN74LV1T14 TI1-SN74LV1T14 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Quadruple Buffer Translator GATE With 3-State Output CMOS Logic Level Shifter
SN74LV1T14 TI1-SN74LV1T14 Datasheet
1Mb / 23P
[Old version datasheet]   SN74LV4T125-EP Single Power Supply Quadruple Buffer Translator GATE With 3- State Output CMOS Logic Level Shifter
JANUARY 2024
More results

Similar Description - SN74LV1T14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV1T04 TI1-SN74LV1T04_18 Datasheet
1Mb / 20P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T04_1809 TI1-SN74LV1T04_1809 Datasheet
1Mb / 23P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T04DCKR TI1-SN74LV1T04DCKR Datasheet
848Kb / 16P
[Old version datasheet]   Single Power Supply Inverter Gate CMOS Logic Level Shifter
SN74LV1T34 TI1-SN74LV1T34 Datasheet
1Mb / 22P
[Old version datasheet]   Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
SN74LV1T34 TI1-SN74LV1T34_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
SN74LV1T34 TI1-SN74LV1T34_15 Datasheet
947Kb / 20P
[Old version datasheet]   SN74LV1T34 Single Power Supply Single Buffer GATE CMOS Logic Level Shifter
logo
Renesas Technology Corp
HD74LV1GT04A RENESAS-HD74LV1GT04A_15 Datasheet
138Kb / 9P
   Inverter / CMOS Logic Level Shifter
HD74LV1GT04A RENESAS-HD74LV1GT04A Datasheet
102Kb / 7P
   Inverter / CMOS Logic Level Shifter
logo
Texas Instruments
SN74LV1T02_1809 TI1-SN74LV1T02_1809 Datasheet
1Mb / 23P
[Old version datasheet]   Single Power Supply 2-Input Positive NOR Gate CMOS Logic Level Shifter
SN74LV1T08_1809 TI1-SN74LV1T08_1809 Datasheet
1Mb / 23P
[Old version datasheet]   Single Power Supply 2-Input Positive AND Gate CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com