Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29LV160BF-90 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HY29LV160BF-90
Description  16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29LV160BF-90 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HY29LV160BF-90 Datasheet HTML 7Page - Hynix Semiconductor HY29LV160BF-90 Datasheet HTML 8Page - Hynix Semiconductor HY29LV160BF-90 Datasheet HTML 9Page - Hynix Semiconductor HY29LV160BF-90 Datasheet HTML 10Page - Hynix Semiconductor HY29LV160BF-90 Datasheet HTML 11Page - Hynix Semiconductor HY29LV160BF-90 Datasheet HTML 12Page - Hynix Semiconductor HY29LV160BF-90 Datasheet HTML 13Page - Hynix Semiconductor HY29LV160BF-90 Datasheet HTML 14Page - Hynix Semiconductor HY29LV160BF-90 Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
11
Rev. 1.2/May 01
HY29LV160
START
(Note: All sectors must be
protected prior to
unprotecting any sector)
TRYCNT = 1
SNUM = 0
RESET# = V
ID
Wait 1 us
Write 0x60 to device
Write 0x60 to Address
Set Address:
A[19:12] = Sector SNUM
A[6] = 1, A]1] = 1, A]0] = 0
Write 0x40 to Address
Read from Address
Data = 0x00?
SNUM = 34?
YES
TRYCNT = 1000?
NO
Increment TRYCNT
NO
YES
DEVICE FAILURE
YES
NO
RESET# = V
IH
Write Reset Command
SECTOR UNPROTECT
COMPLETE
SNUM = SNUM + 1
Wait 15 ms
Set Address:
A[6] = 1, A]1] = 1, A]0] = 0
Figure 2. Sector Unprotect Algorithm
START
RESET# = V
ID
(All protected sectors
become unprotected)
Perform Program or Erase
Operations
RESET# = V
IH
(All previously protected
sectors return to protected
state)
TEMPORARY SECTOR
UNPROTECT COMPLETE
Figure 3. Temporary Sector Unprotect
Algorithm
Electronic ID Operation (High Voltage Method)
The Electronic ID mode provides manufacturer and
device identification and sector protection verifi-
cation through codes output on DQ[15:0]. This
mode is intended primarily for programming equip-
ment to automatically match a device to be pro-
grammed with its corresponding programming al-
gorithm.
Two methods are provided for accessing the Elec-
tronic ID data. The first requires V
ID on address
pin A[9], with additional requirements for obtain-
ing specific data items listed in Table 4. The Elec-
tronic ID data can also be obtained by the host
through specific commands issued via the com-
mand register, as described in the ‘Device Com-
mands’ section of this data sheet.
While in the high-voltage Electronic ID mode, the
system may read at specific addresses to obtain
certain device identification and status informa-
tion:
Ÿ A read cycle at address 0xXXX00 retrieves the
manufacturer code.
Ÿ A read cycle at address 0xXXX01 in Word
mode or 0xXXX02 in Byte mode returns the
device code.
Ÿ A read cycle containing a sector address (SA)
in A[19:12] and the address 0x02 in Word mode
or 0x04 in Byte mode, returns 0x01 if that sec-
tor is protected, or 0x00 if it is unprotected.


Similar Part No. - HY29LV160BF-90

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV320 HYNIX-HY29LV320 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320B HYNIX-HY29LV320B Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320BF-12 HYNIX-HY29LV320BF-12 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320BF-12I HYNIX-HY29LV320BF-12I Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320BF-70 HYNIX-HY29LV320BF-70 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
More results

Similar Description - HY29LV160BF-90

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29LV800 HYNIX-HY29LV800 Datasheet
556Kb / 40P
   8 Mbit (1M x 8/512K x 16) Low Voltage Flash Memory
HY29LV320 HYNIX-HY29LV320 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
logo
Cypress Semiconductor
CY62167EV30 CYPRESS-CY62167EV30_10 Datasheet
574Kb / 16P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
logo
Toshiba Semiconductor
TC58FVT160 TOSHIBA-TC58FVT160 Datasheet
1Mb / 29P
   16-MBIT (2M x 8 BITS/1M x 16 BITS) CMOS FLASH MIMORY
logo
Cypress Semiconductor
CY62167EV30 CYPRESS-CY62167EV30_09 Datasheet
505Kb / 14P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167E CYPRESS-CY62167E Datasheet
528Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com