Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT162240DGVRE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74LVT162240DGVRE4
Description  3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVT162240DGVRE4 Datasheet(HTML) 5 Page - Texas Instruments

  74LVT162240DGVRE4 Datasheet HTML 1Page - Texas Instruments 74LVT162240DGVRE4 Datasheet HTML 2Page - Texas Instruments 74LVT162240DGVRE4 Datasheet HTML 3Page - Texas Instruments 74LVT162240DGVRE4 Datasheet HTML 4Page - Texas Instruments 74LVT162240DGVRE4 Datasheet HTML 5Page - Texas Instruments 74LVT162240DGVRE4 Datasheet HTML 6Page - Texas Instruments 74LVT162240DGVRE4 Datasheet HTML 7Page - Texas Instruments 74LVT162240DGVRE4 Datasheet HTML 8Page - Texas Instruments 74LVT162240DGVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Electrical Characteristics
SN54LVT162240
,, SN74LVT162240
3.3-V ABT 16-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS719A – JULY 2000 – REVISED NOVEMBER 2006
SN54LVT162240
SN74LVT162240
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
2.7
3.6
2.7
3.6
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
5.5
5.5
V
IOH
High-level output current
–12
–12
mA
IOL
Low-level output current
12
12
mA
∆t/∆v
Input transition rise or fall rate
Outputs enabled
10
10
ns/V
∆t/∆V
CC
Power-up ramp rate
200
200
µs/V
TA
Operating free-air temperature
–55
125
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
over recommended operating free-air temperature range (unless otherwise noted)
SN54LVT162240
SN74LVT162240
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
VIK
VCC = 2.7 V,
II = –18 mA
–1.2
–1.2
V
VOH
VCC = 3 V,
IOH = –12 mA
2
2
V
VOL
VCC = 3 V,
IOL = 12 mA
0.8
0.8
V
VCC = 0 or 3.6 V,
VI = 5.5 V
10
10
Control inputs
VCC = 3.6 V,
VI = VCC or GND
±1
±1
II
µA
VI = VCC
1
1
Data inputs
VCC = 3.6 V
VI = 0
–5
–5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
IOZH
VCC = 3.6 V,
VO = 3 V
5
5
µA
IOZL
VCC = 3.6 V,
VO = 0.5 V
–5
–5
µA
VCC = 0 to 1.5 V, VO = 0.5 V to 3 V,
IOZPU
±100(2)
±100
µA
OE = don't care
VCC = 1.5 V to 0, VO = 0.5 V to 3 V,
IOZPD
±100(2)
±100
µA
OE = don't care
Outputs high
0.19
0.19
VCC = 3.6 V,
ICC
IO = 0,
Outputs low
5
5
mA
VI = VCC or GND
Outputs disabled
0.19
0.19
VCC = 3 V to 3.6 V, One input at VCC – 0.6 V,
∆I
CC
(3)
0.2
0.2
mA
Other inputs at VCC or GND
Ci
VI = 3 V or 0
4
4
pF
Co
VO = 3 V or 0
9
9
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(3)
This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
5
Submit Documentation Feedback


Similar Part No. - 74LVT162240DGVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVT162240DGVRE4 TI-74LVT162240DGVRE4 Datasheet
210Kb / 1P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVT162240DGVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT16244B TI-SN54LVT16244B_08 Datasheet
637Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162240 TI-SN54LVTH162240_06 Datasheet
137Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVTH16240 TI-SN74LVTH16240_07 Datasheet
224Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT16244B TI-SN54LVT16244B Datasheet
120Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16244A TI-SN54LVTH16244A Datasheet
110Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162241 TI1-SN54LVTH162241_08 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162541 TI-SN54LVTH162541 Datasheet
103Kb / 7P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16241 TI-SN54LVTH16241 Datasheet
125Kb / 9P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT162244A TI-SN54LVT162244A Datasheet
468Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT162244A TI-SN54LVT162244A_08 Datasheet
624Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162241 TI-SN54LVTH162241 Datasheet
114Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com