Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC21-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74HC21-Q1
Description  DUAL 4-INPUT POSITIVE-AND GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC21-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  SN74HC21-Q1_15 Datasheet HTML 1Page - Texas Instruments SN74HC21-Q1_15 Datasheet HTML 2Page - Texas Instruments SN74HC21-Q1_15 Datasheet HTML 3Page - Texas Instruments SN74HC21-Q1_15 Datasheet HTML 4Page - Texas Instruments SN74HC21-Q1_15 Datasheet HTML 5Page - Texas Instruments SN74HC21-Q1_15 Datasheet HTML 6Page - Texas Instruments SN74HC21-Q1_15 Datasheet HTML 7Page - Texas Instruments SN74HC21-Q1_15 Datasheet HTML 8Page - Texas Instruments SN74HC21-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SN74HC21-Q1
DUAL 4-INPUT POSITIVE-AND GATE
SCLS597A − NOVEMBER 2004 − REVISED APRIL 2008
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2
5
6
V
VCC = 2 V
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
V
VIH
High level input voltage
VCC = 6 V
4.2
V
VCC = 2 V
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
V
VIL
Low level input voltage
VCC = 6 V
1.8
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 2 V
1000
∆t/∆v
Input transition rise/fall time
VCC = 4.5 V
500
ns
∆t/∆v
Input transition rise/fall time
VCC = 6 V
400
ns
TA
Operating free-air temperature
−40
125
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74HC21-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC21-Q1 TI-SN74HC21-Q1 Datasheet
190Kb / 8P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATE
More results

Similar Description - SN74HC21-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC21-Q1 TI-SN74HC21-Q1 Datasheet
190Kb / 8P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATE
logo
List of Unclassifed Man...
7421 ETC1-7421 Datasheet
51Kb / 1P
   DUAL 4-INPUT POSITIVE AND GATE
logo
Texas Instruments
SN54LV20A TI-SN54LV20A_08 Datasheet
505Kb / 15P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATE
SN74LV20A TI-SN74LV20A Datasheet
333Kb / 13P
[Old version datasheet]   DUAL 4 INPUT POSITIVE NAND GATE
SN74LVC2G08 TI-SN74LVC2G08_10 Datasheet
529Kb / 14P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI1-SN74LVC2G08_15 Datasheet
928Kb / 22P
[Old version datasheet]   Dual 2-Input Positive-AND Gate
SN74LVC2G08 TI-SN74LVC2G08 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE AND GATE
SN74AUC2G08 TI-SN74AUC2G08_10 Datasheet
515Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08-EP TI1-SN74LVC2G08-EP Datasheet
465Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74AUC2G08 TI-SN74AUC2G08 Datasheet
292Kb / 11P
[Old version datasheet]   DUAL 2 - INPUT POSITIVE - AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com