Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G34DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G34DBVR
Description  SN74LVC1G34 Single Buffer Gate
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G34DBVR Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC1G34DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G34DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
See mechanical drawings for dimensions.
N.C. – No internal connection
DNU
Do not use
DBV PACKAGE
(TOP VIEW)
3
4
GND
2
A
Y
V
CC
5
1
N.C.
DCK PACKAGE
(TOP VIEW)
3
4
GND
2
A
Y
5
1
N.C.
V
CC
DRL PACKAGE
(TOP VIEW)
2
A
V
CC
5
1
N.C.
3
4
GND
GND
Y
DRY PACKAGE
(TOP VIEW)
A
N.C.
N.C.
6
5
4
2
3
GND
Y
V
CC
1
1
5
2
3
A
GND
Y
V
CC
DPW PACKAGE
(TOP VIEW)
N.C.
4
N.C.
GND
DSF PACKAGE
(TOP VIEW)
A
V
CC
Y
N.C.
6
5
4
2
3
1
YZP PACKAGE
(TOP VIEW)
DNU
A
GND
A1
A2
B1
C1
C2
V
CC
Y
B1
B2
A1
A2
YZV PACKAGE
(TOP VIEW)
Y
GND
A
V
CC
B1
B2
A1
A2
YFP PACKAGE
(TOP VIEW)
GND
A
Y
V
CC
4
SN74LVC1G34
SCES519M – DECEMBER 2003 – REVISED APRIL 2016
www.ti.com
Product Folder Links: SN74LVC1G34
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
Pin Functions
PIN
DESCRIPTION
NAME
DRL,
DCK, DBV
DPW
DRY, DSF
YZP
YFP, YZV
NC
1
1
1, 5
A1
Not connected
A
2
2
2
B1
A1
Input
GND
3
3
3
C1
B1
Ground
Y
4
4
4
C2
B2
Output
VCC
5
5
6
A2
A2
Power pin


Similar Part No. - SN74LVC1G34DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G34DBVR TI-SN74LVC1G34DBVR Datasheet
371Kb / 14P
[Old version datasheet]   SINGLE BUFFER GATE
SN74LVC1G34DBVR TI-SN74LVC1G34DBVR Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Guangdong Youtai Semico...
SN74LVC1G34DBVR UMW-SN74LVC1G34DBVR Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
logo
Texas Instruments
SN74LVC1G34DBVRE4 TI-SN74LVC1G34DBVRE4 Datasheet
371Kb / 14P
[Old version datasheet]   SINGLE BUFFER GATE
SN74LVC1G34DBVRE4 TI-SN74LVC1G34DBVRE4 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
More results

Similar Description - SN74LVC1G34DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
   SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34Q DIODES-74LVC1G34Q Datasheet
518Kb / 9P
   SINGLE BUFFER GATE
June 2020 Rev. 2 - 2
74AUP1G34 DIODES-74AUP1G34 Datasheet
204Kb / 11P
   SINGLE BUFFER GATE
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34 Datasheet
371Kb / 14P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34 DIODES-74LVC1G34 Datasheet
438Kb / 15P
   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125_15 Datasheet
241Kb / 6P
   SINGLE BUS BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com