Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G18DCKRE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G18DCKRE4
Description  1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G18DCKRE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G18DCKRE4 Datasheet HTML 1Page - Texas Instruments SN74LVC1G18DCKRE4 Datasheet HTML 2Page - Texas Instruments SN74LVC1G18DCKRE4 Datasheet HTML 3Page - Texas Instruments SN74LVC1G18DCKRE4 Datasheet HTML 4Page - Texas Instruments SN74LVC1G18DCKRE4 Datasheet HTML 5Page - Texas Instruments SN74LVC1G18DCKRE4 Datasheet HTML 6Page - Texas Instruments SN74LVC1G18DCKRE4 Datasheet HTML 7Page - Texas Instruments SN74LVC1G18DCKRE4 Datasheet HTML 8Page - Texas Instruments SN74LVC1G18DCKRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
See mechanical drawings for dimensions.
DBV PACKAGE
(TOP VIEW)
DCK PACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOM VIEW)
2
GND
V
CC
5
3
4
A
Y
1
6
1
S
Y
0
3
4
A
2
GND
Y
1
5
1
S
V
CC
6
Y
0
2
GND
V
CC
1
5
S
A
4
3
Y
1
6
Y
0
DRY PACKAGE
(TOP VIEW)
GND
V
CC
S
6
5
4
2
3
A
Y
1
Y
0
1
S
A
DSF PACKAGE
(TOP VIEW)
GND
Y
0
Y
1
V
CC
6
5
4
2
3
1
SN74LVC1G18
www.ti.com
SCES406K – JULY 2002 – REVISED JULY 2012
1-OF-2 NONINVERTING DEMULTIPLEXER
WITH 3-STATE DESELECTED OUTPUT
Check for Samples: SN74LVC1G18
1
FEATURES
2
Available in the Texas Instruments NanoFree™
Ioff Supports Partial-Power-Down Mode
Package
Operation
Supports 5-V VCC Operation
Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
Inputs Accept Voltages to 5.5 V
ESD Protection Exceeds JESD 22
Max tpd of 3.4 ns at 3.3 V
2000-V Human-Body Model (A114-A)
Low Power Consumption, 10-
μA Max ICC
200-V Machine Model (A115-A)
±24-mA Output Drive at 3.3 V
1000-V Charged-Device Model (C101)
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
DESCRIPTION/ORDERING INFORMATION
This noninverting demultiplexer is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G18 is a 1-of-2 noninverting demultiplexer with a 3-state output. This device buffers the data on
input A and passes it to either output Y0 or Y1, depending on whether the state of the select (S) input is low or
high, respectively.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G18DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G18DCKRE4 TI-SN74LVC1G18DCKRE4 Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
More results

Similar Description - SN74LVC1G18DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G18 TI-SN74LVC1G18 Datasheet
332Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
SN74LVC1G18 TI-SN74LVC1G18_07 Datasheet
497Kb / 13P
[Old version datasheet]   1-OF-2 NONINVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 PHILIPS-74LVC1G18 Datasheet
77Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
2003 Jul 25
74LVC1G18 PHILIPS-74LVC1G18_15 Datasheet
83Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
74AUP1G18 NXP-74AUP1G18 Datasheet
104Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 02-3 April 2008
logo
Unisonic Technologies
U74LVC1G18 UTC-U74LVC1G18 Datasheet
230Kb / 7P
   1-OF-2 NON-INVERTING DEMULTIPLEXER WITH 3-STATE DESELECTED OUTPUT
logo
NXP Semiconductors
74LVC1G18 NXP-74LVC1G18 Datasheet
76Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 02-30 August 2007
logo
Nexperia B.V. All right...
74LVC1G18-Q100 NEXPERIA-74LVC1G18-Q100 Datasheet
782Kb / 14P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
74LVC1G18 NEXPERIA-74LVC1G18 Datasheet
222Kb / 13P
   1-of-2 non-inverting demultiplexer with 3-state deselected output
Rev. 4 - 20 January 2022
74AUP1G18 NEXPERIA-74AUP1G18 Datasheet
280Kb / 19P
   Low-power 1-of-2 demultiplexer with 3-state deselected output
Rev. 7 - 18 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com