Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G125DBVRE4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # 74LVC1G125DBVRE4
Description  SN74LVC1G125 Single Bus Buffer Gate With 3-State Output
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G125DBVRE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74LVC1G125DBVRE4 Datasheet HTML 3Page - Texas Instruments 74LVC1G125DBVRE4 Datasheet HTML 4Page - Texas Instruments 74LVC1G125DBVRE4 Datasheet HTML 5Page - Texas Instruments 74LVC1G125DBVRE4 Datasheet HTML 6Page - Texas Instruments 74LVC1G125DBVRE4 Datasheet HTML 7Page - Texas Instruments 74LVC1G125DBVRE4 Datasheet HTML 8Page - Texas Instruments 74LVC1G125DBVRE4 Datasheet HTML 9Page - Texas Instruments 74LVC1G125DBVRE4 Datasheet HTML 10Page - Texas Instruments 74LVC1G125DBVRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Temperature - °C
-100
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
D001
TPD
Vcc - V
0
1
2
3
4
5
6
0
1
2
3
4
5
D002
TPD
SN74LVC1G125
www.ti.com
SCES223T – APRIL 1999 – REVISED OCTOBER 2014
7.8 Switching Characteristics, –40°C to 125°C
over recommended operating free-air temperature range –40°C to 125°C, CL = 30 pF or 50 pF (unless otherwise noted)
(see Figure 4)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
2.8
9.3
1.2
5.8
1
4.7
1
4.2
ns
ten
OE
Y
3.3
10.4
1.5
6.9
1
5.6
1
5.2
ns
tdis
OE
Y
1.3
9.3
1
5.2
1
5.2
1
4.4
ns
7.9 Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
Outputs enabled
18
18
19
21
Power dissipation
Cpd
f = 10 MHz
pF
capacitance
Outputs disabled
2
2
2
4
7.10 Typical Characteristics
Figure 1. TPD Across Temperature at 3.3 V VCC
Figure 2. TPD Across VCC at 25°C
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74LVC1G125


Similar Part No. - 74LVC1G125DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC1G125DBVRE4 TI-74LVC1G125DBVRE4 Datasheet
630Kb / 18P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G125DBVRE4 TI-74LVC1G125DBVRE4 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G125DBVRE4 TI-74LVC1G125DBVRE4 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G125DBVRE4 TI1-74LVC1G125DBVRE4 Datasheet
2Mb / 43P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
More results

Similar Description - 74LVC1G125DBVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G125-Q1 TI1-SN74LVC1G125-Q1_V01 Datasheet
1,019Kb / 23P
[Old version datasheet]   SN74LVC1G125-Q1 Single-BUS buffer gate with 3-state output
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com