Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29LV160BT-80 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HY29LV160BT-80
Description  16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29LV160BT-80 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HY29LV160BT-80 Datasheet HTML 2Page - Hynix Semiconductor HY29LV160BT-80 Datasheet HTML 3Page - Hynix Semiconductor HY29LV160BT-80 Datasheet HTML 4Page - Hynix Semiconductor HY29LV160BT-80 Datasheet HTML 5Page - Hynix Semiconductor HY29LV160BT-80 Datasheet HTML 6Page - Hynix Semiconductor HY29LV160BT-80 Datasheet HTML 7Page - Hynix Semiconductor HY29LV160BT-80 Datasheet HTML 8Page - Hynix Semiconductor HY29LV160BT-80 Datasheet HTML 9Page - Hynix Semiconductor HY29LV160BT-80 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
Rev. 1.2/May 01
HY29LV160
Table 1. HY29LV160T (Top Boot Block) Memory Array Organization
-
t
c
e
S
r
o
e
z
i
S
)
W
K
/
B
K
(
s
s
e
r
d
d
A
r
o
t
c
e
S
1
e
d
o
M
e
t
y
B
e
g
n
a
R
s
s
e
r
d
d
A
2
e
d
o
M
d
r
o
W
e
g
n
a
R
s
s
e
r
d
d
A
3
]
9
1
[
A
]
8
1
[
A
]
7
1
[
A
]
6
1
[
A
]
5
1
[
A
]
4
1
[
A
]
3
1
[
A
]
2
1
[
A
0
S2
3
/
4
6
00000
X
X
X
F
F
F
F
0
0
x
0
-
0
0
0
0
0
0
x
0F
F
F
7
0
x
0
-
0
0
0
0
0
x
0
1
S2
3
/
4
6
0000
1
X
X
X
F
F
F
F
1
0
x
0
-
0
0
0
0
1
0
x
0F
F
F
F
0
x
0
-
0
0
0
8
0
x
0
2
S2
3
/
4
6
000
1
0
X
X
X
F
F
F
F
2
0
x
0
-
0
0
0
0
2
0
x
0F
F
F
7
1
x
0
-
0
0
0
0
1
x
0
3
S2
3
/
4
6
000
11
X
X
X
F
F
F
F
3
0
x
0
-
0
0
0
0
3
0
x
0F
F
F
F
1
x
0
-
0
0
0
8
1
x
0
4
S2
3
/
4
6
0
0
1
0
0
XXX
F
F
F
F
4
0
x
0
-
0
0
0
0
4
0
x
0F
F
F
7
2
x
0
-
0
0
0
0
2
x
0
5
S2
3
/
4
6
0
01
01
X
X
X
F
F
F
F
5
0
x
0
-
0
0
0
0
5
0
x
0F
F
F
F
2
x
0
-
0
0
0
8
2
x
0
6
S2
3
/
4
6
0
0
1
1
0
XXX
F
F
F
F
6
0
x
0
-
0
0
0
0
6
0
x
0F
F
F
7
3
x
0
-
0
0
0
0
3
x
0
7
S2
3
/
4
6
0
0
111
X
X
X
F
F
F
F
7
0
x
0
-
0
0
0
0
7
0
x
0F
F
F
F
3
x
0
-
0
0
0
8
3
x
0
8
S2
3
/
4
6
0
1
000
X
X
X
F
F
F
F
8
0
x
0
-
0
0
0
0
8
0
x
0F
F
F
7
4
x
0
-
0
0
0
0
4
x
0
9
S2
3
/
4
6
0
1
0
0
1
XXX
F
F
F
F
9
0
x
0
-
0
0
0
0
9
0
x
0F
F
F
F
4
x
0
-
0
0
0
8
4
x
0
0
1
S2
3
/
4
6
0
10
10X
X
X
F
F
F
F
A
0
x
0
-
0
0
0
0
A
0
x
0F
F
F
7
5
x
0
-
0
0
0
0
5
x
0
1
1
S2
3
/
4
6
0
1
0
1
1
XXX
F
F
F
F
B
0
x
0
-
0
0
0
0
B
0
x
0F
F
F
F
5
x
0
-
0
0
0
8
5
x
0
2
1
S2
3
/
4
6
0
11
00
X
X
X
F
F
F
F
C
0
x
0
-
0
0
0
0
C
0
x
0F
F
F
7
6
x
0
-
0
0
0
0
6
x
0
3
1
S2
3
/
4
6
0
1
1
0
1
XXX
F
F
F
F
D
0
x
0
-
0
0
0
0
D
0
x
0F
F
F
F
6
x
0
-
0
0
0
8
6
x
0
4
1
S2
3
/
4
6
0
1
1
1
0
XXX
F
F
F
F
E
0
x
0
-
0
0
0
0
E
0
x
0F
F
F
7
7
x
0
-
0
0
0
0
7
x
0
5
1
S2
3
/
4
6
0
1111
X
X
X
F
F
F
F
F
0
x
0
-
0
0
0
0
F
0
x
0F
F
F
F
7
x
0
-
0
0
0
8
7
x
0
6
1
S2
3
/
4
6
1
0000
X
X
X
F
F
F
F
0
1
x
0
-
0
0
0
0
0
1
x
0F
F
F
7
8
x
0
-
0
0
0
0
8
x
0
7
1
S2
3
/
4
6
1
000
1
X
X
X
F
F
F
F
1
1
x
0
-
0
0
0
0
1
1
x
0F
F
F
F
8
x
0
-
0
0
0
8
8
x
0
8
1
S2
3
/
4
6
1
0
0
1
0
XXX
F
F
F
F
2
1
x
0
-
0
0
0
0
2
1
x
0F
F
F
7
9
x
0
-
0
0
0
0
9
x
0
9
1
S2
3
/
4
6
1
00
11
X
X
X
F
F
F
F
3
1
x
0
-
0
0
0
0
3
1
x
0F
F
F
F
9
x
0
-
0
0
0
8
9
x
0
0
2
S2
3
/
4
6
1
0
1
0
0
XXX
F
F
F
F
4
1
x
0
-
0
0
0
0
4
1
x
0F
F
F
7
A
x
0
-
0
0
0
0
A
x
0
1
2
S2
3
/
4
6
1
01
01
X
X
X
F
F
F
F
5
1
x
0
-
0
0
0
0
5
1
x
0F
F
F
F
A
x
0
-
0
0
0
8
A
x
0
2
2
S2
3
/
4
6
1
0
1
1
0
XXX
F
F
F
F
6
1
x
0
-
0
0
0
0
6
1
x
0F
F
F
7
B
x
0
-
0
0
0
0
B
x
0
3
2
S2
3
/
4
6
1
0
111
X
X
X
F
F
F
F
7
1
x
0
-
0
0
0
0
7
1
x
0F
F
F
F
B
x
0
-
0
0
0
8
B
x
0
4
2
S2
3
/
4
6
1
1
000
X
X
X
F
F
F
F
8
1
x
0
-
0
0
0
0
8
1
x
0F
F
F
7
C
x
0
-
0
0
0
0
C
x
0
5
2
S2
3
/
4
6
1
1
0
0
1
XXX
F
F
F
F
9
1
x
0
-
0
0
0
0
9
1
x
0F
F
F
F
C
x
0
-
0
0
0
8
C
x
0
6
2
S2
3
/
4
6
1
10
10X
X
X
F
F
F
F
A
1
x
0
-
0
0
0
0
A
1
x
0F
F
F
7
D
x
0
-
0
0
0
0
D
x
0
7
2
S2
3
/
4
6
1
1
0
1
1
XXX
F
F
F
F
B
1
x
0
-
0
0
0
0
B
1
x
0F
F
F
F
D
x
0
-
0
0
0
8
D
x
0
8
2
S2
3
/
4
6
111
00
X
X
X
F
F
F
F
C
1
x
0
-
0
0
0
0
C
1
x
0F
F
F
7
E
x
0
-
0
0
0
0
E
x
0
9
2
S2
3
/
4
6
111
0
1
X
X
X
F
F
F
F
D
1
x
0
-
0
0
0
0
D
1
x
0F
F
F
F
E
x
0
-
0
0
0
8
E
x
0
0
3
S2
3
/
4
6
1111
0
X
X
X
F
F
F
F
E
1
x
0
-
0
0
0
0
E
1
x
0F
F
F
7
F
x
0
-
0
0
0
0
F
x
0
1
3
S6
1
/
2
3
11111
0
X
X
F
F
F
7
F
1
x
0
-
0
0
0
0
F
1
x
0F
F
F
B
F
x
0
-
0
0
0
8
F
x
0
2
3
S4
/
8
111111
00
F
F
F
9
F
1
x
0
-
0
0
0
8
F
1
x
0F
F
F
C
F
x
0
-
0
0
0
C
F
x
0
3
3
S4
/
8
111111
0
1
F
F
F
B
F
1
x
0
-
0
0
0
A
F
1
x
0F
F
F
D
F
x
0
-
0
0
0
D
F
X
0
4
3
S8
/
6
1
1111111
X
F
F
F
F
F
1
x
0
-
0
0
0
C
F
1
x
0F
F
F
F
F
x
0
-
0
0
0
E
F
x
0
Notes:
1.
‘X’ indicates don’t care.
2. ‘0xN. . . N’ indicates an address in hexadecimal notation.
3. The address range in byte mode is A[19:0, -1]. The address range in word mode is A[19:0].


Similar Part No. - HY29LV160BT-80

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV320 HYNIX-HY29LV320 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320B HYNIX-HY29LV320B Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320BF-12 HYNIX-HY29LV320BF-12 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320BF-12I HYNIX-HY29LV320BF-12I Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320BF-70 HYNIX-HY29LV320BF-70 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
More results

Similar Description - HY29LV160BT-80

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29LV800 HYNIX-HY29LV800 Datasheet
556Kb / 40P
   8 Mbit (1M x 8/512K x 16) Low Voltage Flash Memory
HY29LV320 HYNIX-HY29LV320 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
logo
Cypress Semiconductor
CY62167EV30 CYPRESS-CY62167EV30_10 Datasheet
574Kb / 16P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
logo
Toshiba Semiconductor
TC58FVT160 TOSHIBA-TC58FVT160 Datasheet
1Mb / 29P
   16-MBIT (2M x 8 BITS/1M x 16 BITS) CMOS FLASH MIMORY
logo
Cypress Semiconductor
CY62167EV30 CYPRESS-CY62167EV30_09 Datasheet
505Kb / 14P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167E CYPRESS-CY62167E Datasheet
528Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com