Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29LV160TF-70 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY29LV160TF-70
Description  16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29LV160TF-70 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY29LV160TF-70 Datasheet HTML 1Page - Hynix Semiconductor HY29LV160TF-70 Datasheet HTML 2Page - Hynix Semiconductor HY29LV160TF-70 Datasheet HTML 3Page - Hynix Semiconductor HY29LV160TF-70 Datasheet HTML 4Page - Hynix Semiconductor HY29LV160TF-70 Datasheet HTML 5Page - Hynix Semiconductor HY29LV160TF-70 Datasheet HTML 6Page - Hynix Semiconductor HY29LV160TF-70 Datasheet HTML 7Page - Hynix Semiconductor HY29LV160TF-70 Datasheet HTML 8Page - Hynix Semiconductor HY29LV160TF-70 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
4
Rev. 1.2/May 01
HY29LV160
PIN CONFIGURATIONS
A6
B6
C6
D6
E6
F6
G6
H6
A5
B5
C5
D5
E5
F5
G5
H5
A4
B4
C4
D4
E4
F4
G4
H4
A3
B3
C3
D3
E3
F3
G3
H3
A2
B2
C2
D2
E2
F2
G2
H2
A1
B1
C1
D1
E1
F1
G1
H1
A[13]
A[12]
A[14]
A[15]
A[16]
BYTE#
DQ[15]/A[-1]
V
SS
A[9]
A[8]
A[10]
A[11]
DQ[7]
DQ[14]
DQ[13]
DQ[6]
W E #
RESET#
N C
A[19]
DQ[5]
DQ[12]
V
CC
DQ[4]
R Y / B Y #
N C
A[18]
N C
DQ[2]
DQ[10]
DQ[11]
DQ[3]
A[7]
A[17]
A[6]
A[5]
DQ[0]
DQ[8]
DQ[9]
DQ[1]
A[3]
A[4]
A[2]
A[1]
A[0]
C E #
O E #
V
SS
48-Ball FBGA (Top View, Balls Facing Down)
TSOP48
A[11]
A[10]
5
6
A[9]
A[8]
7
8
A[19]
NC
9
10
WE#
RESET#
11
12
NC
NC
13
14
RY/BY#
A[18]
15
16
A[17]
A[7]
17
18
A[6]
A[5]
19
20
A[15]
A[14]
1
2
A[13]
A[12]
3
4
A[4]
A[3]
21
22
A[2]
A[1]
23
24
DQ[7]
DQ[14]
44
43
DQ[6]
DQ[13]
42
41
DQ[5]
DQ[12]
40
39
DQ[4]
V
CC
38
37
DQ[11]
DQ[3]
36
35
DQ[10]
DQ[2]
34
33
DQ[9]
DQ[1]
32
31
DQ[8]
DQ[0]
30
29
A[16]
BYTE#
48
47
V
SS
DQ[15]/A[-1]
46
45
OE#
V
SS
28
27
CE#
A[0]
26
25


Similar Part No. - HY29LV160TF-70

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV320 HYNIX-HY29LV320 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320B HYNIX-HY29LV320B Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320BF-12 HYNIX-HY29LV320BF-12 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320BF-12I HYNIX-HY29LV320BF-12I Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
HY29LV320BF-70 HYNIX-HY29LV320BF-70 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
More results

Similar Description - HY29LV160TF-70

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Toshiba Semiconductor
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA_08 Datasheet
484Kb / 50P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29LV800 HYNIX-HY29LV800 Datasheet
556Kb / 40P
   8 Mbit (1M x 8/512K x 16) Low Voltage Flash Memory
HY29LV320 HYNIX-HY29LV320 Datasheet
323Kb / 44P
   32 Mbit (2M x 16) Low Voltage Flash Memory
logo
Cypress Semiconductor
CY62167EV30 CYPRESS-CY62167EV30_10 Datasheet
574Kb / 16P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
logo
Toshiba Semiconductor
TC58FVT160 TOSHIBA-TC58FVT160 Datasheet
1Mb / 29P
   16-MBIT (2M x 8 BITS/1M x 16 BITS) CMOS FLASH MIMORY
logo
Cypress Semiconductor
CY62167EV30 CYPRESS-CY62167EV30_09 Datasheet
505Kb / 14P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167E CYPRESS-CY62167E Datasheet
528Kb / 12P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com