Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH5D18NP-3R3NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH5D18NP-3R3NC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH5D18NP-3R3NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH5D18NP-3R3NC Datasheet HTML 1Page - Sumida Corporation CDRH5D18NP-3R3NC Datasheet HTML 2Page - Sumida Corporation CDRH5D18NP-3R3NC Datasheet HTML 3Page - Sumida Corporation CDRH5D18NP-3R3NC Datasheet HTML 4Page - Sumida Corporation CDRH5D18NP-3R3NC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH5D18
Electrical Characteristics
※1. Inductance measuring condition: at 10kHz.
※2. Rated current: The DC current at which the inductance decreases to 65% of it’s nominal value or when △t=30℃, whichever
is lower (Ta=20
℃).
0.36
1.2 (895m)
100
μH ± 30%
101
CDRH5D18NP-101NC
0.41
978m (725m)
82
μH ± 30%
820
CDRH5D18NP-820NC
0.43
840m (622m)
68
μH ± 30%
680
CDRH5D18NP-680NC
0.50
665m (493m)
56
μH ± 30%
560
CDRH5D18NP-560NC
0.54
595m (440m)
47
μH ± 30%
470
CDRH5D18NP-470NC
0.57
520m (385m)
39
μH ± 30%
390
CDRH5D18NP-390NC
0.65
385m (285m)
33
μH ± 30%
330
CDRH5D18NP-330NC
0.75
330m (245m)
27
μH ± 30%
270
CDRH5D18NP-270NC
0.80
290m (215m)
22
μH ± 30%
220
CDRH5D18NP-220NC
0.85
210m (155m)
18
μH ± 30%
180
CDRH5D18NP-180NC
0.97
196m (145m)
15
μH ± 30%
150
CDRH5D18NP-150NC
1.10
153m (113m)
12
μH ± 30%
120
CDRH5D18NP-120NC
1.20
124m (92m)
10
μH ± 30%
100
CDRH5D18NP-100NC
1.25
116m (86m)
8.9
μH ± 30%
8R9
CDRH5D18NP-8R9NC
1.40
96m (71m)
6.2
μH ± 30%
6R2
CDRH5D18NP-6R2NC
1.60
76m (56m)
5.4
μH ± 30%
5R4
CDRH5D18NP-5R4NC
1.95
57m (42m)
4.1
μH ± 30%
4R1
CDRH5D18NP-4R1NC
2.0
47m (35m)
3.3
μH±30%
3R3
CDRH5D18NP-3R3NC
2.4
37m (27m)
2.2
μH±30%
2R2
CDRH5D18NP-2R2NC
RATED
CURRENT
(A)
※2
D.C.R. (
Ω)
[MAX.] (TYP.)
(at 20
℃)※2
INDUCTANCE
(
μH )
[WITHIN]※1
STAMP
PART NO.


Similar Part No. - CDRH5D18NP-3R3NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH5D18 SUMIDA-CDRH5D18 Datasheet
236Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH5D18 SUMIDA-CDRH5D18 Datasheet
101Kb / 2P
   POWER INDUCTORS
CDRH5D18 SUMIDA-CDRH5D18 Datasheet
129Kb / 1P
   POWER INDUCTORS
logo
ECM Electronics Limited...
CDRH5D18 ECM-CDRH5D18 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDRH5D18 AITCOMPONENTS-CDRH5D18 Datasheet
30Kb / 1P
   CDRH5D18 SMD POWER INDUCTOR
More results

Similar Description - CDRH5D18NP-3R3NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com