Electronic Components Datasheet Search |
|
CDRH5D16NP-3R3NC Datasheet(PDF) 2 Page - Sumida Corporation |
|
CDRH5D16NP-3R3NC Datasheet(HTML) 2 Page - Sumida Corporation |
2 / 4 page Page 2 of 4 Revised: 7-Jan-14 SMD SMD SMD SMD Power Inductor Power Inductor Power Inductor Power Inductor CDRH5D16 Electrical Characteristics ※1. Inductance measuring condition: at 100kHz. ※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value. ※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃). 0.35 0.35 0.45 1.41(1.13) 100 ±20% 101 CDRH5D16NP-101MC 0.42 0.40 0.50 1.06(0.85) 82.0 ±20% 820 CDRH5D16NP-820MC 0.50 0.44 0.55 0.86(0.69) 68.0 ±20% 680 CDRH5D16NP-680MC 0.60 0.52 0.68 0.58(0.46) 47.0 ±20% 470 CDRH5D16NP-470MC 0.70 0.65 0.80 0.44(0.35) 33.0 ±20% 330 CDRH5D16NP-330MC 0.80 0.80 0.95 0.32(0.25) 22.0 ±20% 220 CDRH5D16NP-220MC 1.10 0.95 1.15 0.20(0.16) 15.0 ±20% 150 CDRH5D16NP-150MC 1.30 1.15 1.45 0.14(0.11) 10.0 ±20% 100 CDRH5D16NP-100MC 1.50 1.25 1.55 0.11(89.7 m) 8.2 ±25% 8R2 CDRH5D16NP-8R2NC 1.70 1.45 1.80 84.3 m(67.4m) 6.8 ±25% 6R8 CDRH5D16NP-6R8NC 2.10 1.75 2.15 64.1 m(51.3m) 4.7 ±25% 4R7 CDRH5D16NP-4R7NC 2.40 2.15 2.60 44.5 m(35.6m) 3.3 ±25% 3R3 CDRH5D16NP-3R3NC 2.90 2.45 3.00 35.9 m(28.7m) 2.2 ±25% 2R2 CDRH5D16NP-2R2NC 4.70 3.90 4.70 14.6 m(11.7m) 0.90 ±25% 0R9 CDRH5D16NP-0R9NC at 105 ℃ at 20 ℃ Temperature Rise Current ( A) ※3 Saturation Current ( A) ※2 D.C.R.( Ω) [Max.] (Typ.) (at 20 ℃) Inductance ( μH) [within] ※1 Stamp Part Name |
Similar Part No. - CDRH5D16NP-3R3NC |
|
Similar Description - CDRH5D16NP-3R3NC |