Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH6D18HPNP-220PC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH6D18HPNP-220PC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH6D18HPNP-220PC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH6D18HPNP-220PC Datasheet HTML 1Page - Sumida Corporation CDRH6D18HPNP-220PC Datasheet HTML 2Page - Sumida Corporation CDRH6D18HPNP-220PC Datasheet HTML 3Page - Sumida Corporation CDRH6D18HPNP-220PC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH6D18/HP
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.35
0.50
0.58
1290
±25%
120
±25%
121
CDRH6D18HPNP-121PC
0.40
0.55
0.60
970
±25%
100
±25%
101
CDRH6D18HPNP-101PC
0.45
0.58
0.65
859
±25%
82
±25%
820
CDRH6D18HPNP-820PC
0.50
0.60
0.70
758
±25%
68
±25%
680
CDRH6D18HPNP-680PC
0.55
0.65
0.85
605
±25%
56
±25%
560
CDRH6D18HPNP-560PC
0.60
0.70
0.90
535
±25%
47
±25%
470
CDRH6D18HPNP-470PC
0.70
0.90
1.10
374
±25%
33
±25%
330
CDRH6D18HPNP-330PC
1.00
1.10
1.35
220
±25%
22
±25%
220
CDRH6D18HPNP-220PC
1.10
1.30
1.60
190
±25%
15
±25%
150
CDRH6D18HPNP-150PC
1.30
1.60
1.95
125
±25%
10
±25%
100
CDRH6D18HPNP-100PC
1.50
1.80
2.10
98.0
±25%
8.2
±25%
8R2
CDRH6D18HPNP-8R2PC
1.70
1.95
2.35
82.0
±25%
6.8
±25%
6R8
CDRH6D18HPNP-6R8PC
2.20
2.35
2.80
53.0
±25%
4.7
±25%
4R7
CDRH6D18HPNP-4R7PC
2.35
2.50
3.00
45.5
±25%
3.9
±25%
3R9
CDRH6D18HPNP-3R9PC
2.75
3.00
3.60
35.5
±25%
2.7
±25%
2R7
CDRH6D18HPNP-2R7PC
3.50
3.50
4.50
24.0
±25%
1.8
±25%
1R8
CDRH6D18HPNP-1R8PC
4.00
4.60
5.50
18.5
±25%
1.0
±25%
1R0
CDRH6D18HPNP-1R0PC
at 105
at 20
Temperature
Rise Current
(A)
※3
Saturation Current
(A)※2
D.C.R. (m
Ω)
[within] (at 20
℃)
Inductance
(μH)
[within]
※1
Stamp
Part Name


Similar Part No. - CDRH6D18HPNP-220PC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH6D18HPNP-220PC SUMIDA-CDRH6D18HPNP-220PC Datasheet
202Kb / 2P
   SMD Power Inductor
More results

Similar Description - CDRH6D18HPNP-220PC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com