Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH6D23HPNP-150MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH6D23HPNP-150MC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH6D23HPNP-150MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH6D23HPNP-150MC Datasheet HTML 1Page - Sumida Corporation CDRH6D23HPNP-150MC Datasheet HTML 2Page - Sumida Corporation CDRH6D23HPNP-150MC Datasheet HTML 3Page - Sumida Corporation CDRH6D23HPNP-150MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH6D23/HP
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.52
0.61
0.72
875.8(700.7)
100
±20%
101
CDRH6D23HPNP-101MC
0.60
0.70
0.82
712.5(571.5)
82
±20%
820
CDRH6D23HPNP-820MC
0.70
0.78
0.93
574.5(459.8)
68
±20%
680
CDRH6D23HPNP-680MC
0.75
0.83
0.97
500.0(400.0)
56
±20%
560
CDRH6D23HPNP-560MC
0.80
0.93
1.12
395.0(316.0)
47
±20%
470
CDRH6D23HPNP-470MC
1.00
1.16
1.37
269.5(215.6)
33
±20%
330
CDRH6D23HPNP-330MC
1.10
1.35
1.58
217.5(173.8)
22
±20%
220
CDRH6D23HPNP-220MC
1.40
1.80
2.10
154.8(123.9)
15
±20%
150
CDRH6D23HPNP-150MC
1.70
2.14
2.55
102.5(82.0)
10
±20%
100
CDRH6D23HPNP-100MC
2.10
2.24
2.65
73.0(58.5)
8.2
±30%
8R2
CDRH6D23HPNP-8R2NC
2.20
2.34
2.78
68.8(55.0)
6.8
±30%
6R8
CDRH6D23HPNP-6R8NC
2.30
2.65
3.20
58.8(47.5)
5.6
±30%
5R6
CDRH6D23HPNP-5R6NC
2.80
2.85
3.40
42.5(34.4)
4.7
±30%
4R7
CDRH6D23HPNP-4R7NC
3.30
3.35
4.05
32.5(26.2)
3.3
±30%
3R3
CDRH6D23HPNP-3R3NC
4.10
3.80
4.40
23.8(19.2)
2.2
±30%
2R2
CDRH6D23HPNP-2R2NC
4.70
4.30
5.00
20.0(16.0)
1.8
±30%
1R8
CDRH6D23HPNP-1R8NC
5.30
5.20
6.20
15.4(12.3)
1.2
±30%
1R2
CDRH6D23HPNP-1R2NC
at 105
at 20
Temperature
Rise Current
( A )
※3
Saturation Current
( A )
※2
D.C.R. (m )
Max. (Typ.)
(at 20
℃)
Inductance
(µH)
[within]
※1
Stamp
Part Name


Similar Part No. - CDRH6D23HPNP-150MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH6D26 SUMIDA-CDRH6D26 Datasheet
239Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH6D26 SUMIDA-CDRH6D26 Datasheet
129Kb / 1P
   POWER INDUCTORS
CDRH6D26FB SUMIDA-CDRH6D26FB Datasheet
132Kb / 2P
   POWER INDUCTORS
CDRH6D26HP SUMIDA-CDRH6D26HP Datasheet
245Kb / 5P
   SMD Power Inductor
CDRH6D26HPNP-100MC SUMIDA-CDRH6D26HPNP-100MC Datasheet
245Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDRH6D23HPNP-150MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com