Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH40D28NP-1R5NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH40D28NP-1R5NC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH40D28NP-1R5NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH40D28NP-1R5NC Datasheet HTML 1Page - Sumida Corporation CDRH40D28NP-1R5NC Datasheet HTML 2Page - Sumida Corporation CDRH40D28NP-1R5NC Datasheet HTML 3Page - Sumida Corporation CDRH40D28NP-1R5NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH40D28
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 65% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.40
0.32
0.42
836(669)
68
±25%
CDRH40D28NP-680PC
0.43
0.35
0.45
755(604)
56
±25%
CDRH40D28NP-560PC
0.45
0.40
0.50
685(548)
47
±25%
CDRH40D28NP-470PC
0.48
0.50
0.60
619(495)
39
±25%
CDRH40D28NP-390PC
0.55
0.52
0.62
420(336)
33
±25%
CDRH40D28NP-330PC
0.80
0.65
0.80
264(211)
22
±25%
CDRH40D28NP-220PC
0.83
0.70
0.85
231(185)
18
±25%
CDRH40D28NP-180PC
0.88
0.75
0.90
218(174)
15
±25%
CDRH40D28NP-150PC
1.10
0.80
1.00
151(121)
12
±25%
CDRH40D28NP-120PC
1.20
0.90
1.10
125(100)
10
±25%
CDRH40D28NP-100PC
1.55
1.05
1.30
80.0(64.0)
6.8
±30%
CDRH40D28NP-6R8NC
1.60
1.20
1.50
75.0(59.6)
5.6
±30%
CDRH40D28NP-5R6NC
1.75
1.40
1.65
63.0(50.0)
4.7
±30%
CDRH40D28NP-4R7NC
1.90
1.60
1.90
58.0(46.7)
3.3
±30%
CDRH40D28NP-3R3NC
2.00
1.80
2.10
52.0(41.2)
2.7
±30%
CDRH40D28NP-2R7NC
2.10
1.90
2.20
47.0(37.6)
2.2
±30%
CDRH40D28NP-2R2NC
2.40
2.30
2.90
42.0(33.6)
1.5
±30%
CDRH40D28NP-1R5NC
at 105
at 20
Temperature
Rise Current
(A)
※3
Saturation Current
(A)
※2
D.C.R. (m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Part No.


Similar Part No. - CDRH40D28NP-1R5NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH40D28T125 SUMIDA-CDRH40D28T125 Datasheet
317Kb / 4P
   SMD Power Inductor
CDRH40D28T125-100NC SUMIDA-CDRH40D28T125-100NC Datasheet
317Kb / 4P
   SMD Power Inductor
CDRH40D28T125-150NC SUMIDA-CDRH40D28T125-150NC Datasheet
317Kb / 4P
   SMD Power Inductor
CDRH40D28T125-1R5NC SUMIDA-CDRH40D28T125-1R5NC Datasheet
317Kb / 4P
   SMD Power Inductor
CDRH40D28T125-1R8NC SUMIDA-CDRH40D28T125-1R8NC Datasheet
317Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH40D28NP-1R5NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com