Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH8D28NP-470NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH8D28NP-470NC
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH8D28NP-470NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH8D28NP-470NC Datasheet HTML 1Page - Sumida Corporation CDRH8D28NP-470NC Datasheet HTML 2Page - Sumida Corporation CDRH8D28NP-470NC Datasheet HTML 3Page - Sumida Corporation CDRH8D28NP-470NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH8D28
Electrical Characteristics
※1. Inductance measuring conditions at 100kHz.
※2. Saturation current: The DC current at which the inductance decreases to 65% of its nominal value.
※3. Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
0.80
0.75
430(330)
100
±30%
101
CDRH8D28NP-101NC
0.98
0.92
286(220)
68
±30%
680
CDRH8D28NP-680NC
1.30
1.15
195(150)
47
±30%
470
CDRH8D28NP-470NC
1.45
1.30
156(120)
33
±30%
330
CDRH8D28NP-330NC
1.85
1.60
99.0(76)
22
±30%
220
CDRH8D28NP-220NC
2.35
1.90
69.0(53)
15
±30%
150
CDRH8D28NP-150NC
3.20
2.50
47.0(36)
10
±30%
100
CDRH8D28NP-100NC
3.40
2.80
39.0(30)
7.3
±30%
7R3
CDRH8D28NP-7R3NC
4.50
3.40
24.7(19)
4.7
±30%
4R7
CDRH8D28NP-4R7NC
6.00
4.00
18.2(14)
3.3
±30%
3R3
CDRH8D28NP-3R3NC
6.40
4.50
15.6(12)
2.5
±30%
2R5
CDRH8D28NP-2R5NC
7.00
6.50
11.0(8)
1.0
±30%
1R0
CDRH8D28NP-1R0NC
Temperature
Rise Current
( A )
※3
Saturation
Current
(A)※2
D.C.R .(m
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(μH)
[ within ]
※1
Stamp
Part Name


Similar Part No. - CDRH8D28NP-470NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH8D28NP-470NC SUMIDA-CDRH8D28NP-470NC Datasheet
144Kb / 2P
   Power Inductors
CDRH8D28NP-470NC SUMIDA-CDRH8D28NP-470NC Datasheet
160Kb / 5P
   Ferrite drum core construction.
More results

Similar Description - CDRH8D28NP-470NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com