Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HSDL-3600 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part No. HSDL-3600
Description  IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

 6 page
background image
6
Electrical & Optical Specifications
Specifications hold over the Recommended Operating Conditions unless otherwise noted. Unspecified test
conditions can be anywhere in their operating range. All typical values are at 25
°C and 3.3 V unless
otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Transceiver
Supply
Shutdown
ICC1
10
200
nA
VI(TXD) ≤ VIL or
Current
VI(TXD) ≥ VIH
Idle
ICC2
2.5
5
mA
VI(TXD) ≤ VIL, EI = 0
Digital Input
Logic
IL/H
-1
1
µA0 ≤ VI ≤ VCC
Current
Low/High
Transmitter
Transmitter
Logic High
IEH
100
250
400
mW/sr
VIH = 3.0 V
Radiant
Intensity
ILEDA = 400 mA
Intensity
θ1/2 ≤ 15°
Peak
λP
875
nm
Wavelength
Spectral
∆λ1/2
35
nm
Line Half
Width
Viewing
2
θ1/2
30
60
°
Angle
Optical
tpw (IE)
1.5
1.6
1.8
µs
tpw(TXD) = 1.6
µs at
Pulse Width
115.2 kb/s
148
217
260
ns
tpw(TXD) = 217 ns at
1.15 Mb/s
115
125
135
ns
tpw(TXD) = 125 ns at
4.0 Mb/s
Rise and Fall
tr (IE),
40
ns
tpw(TXD) = 125 ns at
Times
tf (IE)
4.0 Mb/s
tr/f(TXD) = 10 ns
Maximum
tpw (max)
20
50
µs
TXD pin stuck high
Optical
Pulse Width
LED Anode
VON(LEDA)
2.4
V
ILEDA = 400 mA,
On State Voltage
VI(TXD) ≥ VIH
LED Anode
ILK(LEDA)
1
100
nA
VLEDA = VCC = 3.6 V,
Off State Leakage Current
VI(TXD) ≤ VIL




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HSDL-1000Infrared IrDA Compliant Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-1001Infrared IrDA Compliant Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL3208Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3003IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3203Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3210IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3201IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3612IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl