Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HSDL-3600 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part No. HSDL-3600
Description  IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
Download  34 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

 
 5 page
background image
5
Absolute Maximum Ratings [7]
Parameter
Symbol
Minimum
Maximum
Unit
Conditions
Storage Temperature
TS
-40
+100
°C
Operating Temperature
TA
-20
+70
°C
DC LED Current
ILED(DC)
165
mA
Peak LED Current
ILED (PK)
650
mA
≤ 90 µs pulse width,
≤ 25% duty cycle
750
mA
≤ 2 µs pulse width,
≤ 10% duty cycle
LED Anode Voltage
VLEDA
-0.5
7
V
Supply Voltage
Vcc
0
7
V
Transmitter Data
ITXD(DC)
-12
12
mA
Input Current
Receiver Data
VO
-0.5
Vcc+0.5
V
|IO(RXD)| = 20 µA
Output Voltage
Note:
7. For implementations where case to ambient thermal resistance
≤ 50°C/W.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Conditions
Operating Temperature
TA
-20
+70
°C
Supply Voltage
Vcc
2.7
3.6
V
Logic High Input Voltage
VIH
2 Vcc/3
Vcc
V
for TXD, MD0, MD1,
and FIR_SEL
Logic Low Transmitter
VIL
0
Vcc/3
V
Input Voltage
LED (Logic High) Current
ILEDA
400
650
mA
Pulse Amplitude
Receiver Signal Rate
0.0024
4
Mb/s
Ambient Light
See IrDA Serial Infrared
Physical Layer Link
Specification, Appendix A
for ambient levels




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HSDL-1000Infrared IrDA Compliant Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-1001Infrared IrDA Compliant Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL3208Ultra Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3003IrDA Data Compliant Low Power 115.2 kbit/s with Remote Control Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3203Small Profile Package IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3210IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3201IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HSDL-3612IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl