Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH73NP-221MC-B Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH73NP-221MC-B
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH73NP-221MC-B Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH73NP-221MC-B Datasheet HTML 1Page - Sumida Corporation CDRH73NP-221MC-B Datasheet HTML 2Page - Sumida Corporation CDRH73NP-221MC-B Datasheet HTML 3Page - Sumida Corporation CDRH73NP-221MC-B Datasheet HTML 4Page - Sumida Corporation CDRH73NP-221MC-B Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH73
Electrical Characteristics
0.16
9.44 (7.55)
1000
±20%
102
CDRH73NP-102MC-B
0.18
6.54 (5.23)
820
±20%
821
CDRH73NP-821MC-B
0.19
5.73 (4.58)
680
±20%
681
CDRH73NP-681MC-B
0.22
4.67 (3.73)
560
±20%
561
CDRH73NP-561MC-B
0.24
4.18 (3.35)
470
±20%
471
CDRH73NP-471MC-B
0.26
2.94 (2.35)
390 20%
391
CDRH73NP-391MC-B
0.28
2.62 (2.10)
330
±20%
331
CDRH73NP-331MC-B
0.32
2.31 (1.85)
270
±20%
271
CDRH73NP-271MC-B
0.35
1.65 (1.32)
220
±20%
221
CDRH73NP-221MC-B
0.39
1.45 (1.16)
180
±20%
181
CDRH73NP-181MC-B
0.43
1.27 (1.02)
150
±20%
151
CDRH73NP-151MC-B
0.49
0.89 (0.69)
120
±20%
121
CDRH73NP-121MC-B
0.50
0.79 (0.61)
100
±20%
101
CDRH73NP-101MC-B
0.57
0.69 (0.53)
82
±20%
820
CDRH73NP-820MC-B
0.61
0.52 (0.40)
68
±20%
680
CDRH73NP-680MC-B
0.68
0.47 (0.36)
56
±20%
560
CDRH73NP-560MC-B
0.76
0.36 (0.28)
47
±20%
470
CDRH73NP-470MC-B
0.77
0.32 (0.25)
39
±20%
390
CDRH73NP-390MC-B
0.91
0.24 (0.18)
33
±20%
330
CDRH73NP-330MC-B
0.96
0.21 (0.16)
27
±20%
270
CDRH73NP-270MC-B
1.07
0.19 (0.15)
22
±20%
220
CDRH73NP-220MC-B
1.20
0.14 (0.11)
18
±20%
180
CDRH73NP-180MC-B
1.33
0.13 (96m)
15
±20%
150
CDRH73NP-150MC-B
1.52
98m (75m)
12
±20%
120
CDRH73NP-120MC-B
1.68
72m (55m)
10
±20%
100
CDRH73NP-100MC-B
Rated Current
(A)
※2
D.C.R.(
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH)
[ within ]
※1
Stamp
Part No.
※1. Inductance measuring condition: at 1 kHz.
※2. Rated current: The DC current at which the inductance decreases to 75% of its nominal value or when
△t=40℃, whichever is lower (Ta=20℃ ) .


Similar Part No. - CDRH73NP-221MC-B

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH73NP-221MC SUMIDA-CDRH73NP-221MC Datasheet
1Mb / 6P
   CDRH73
More results

Similar Description - CDRH73NP-221MC-B

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com